Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1086 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP1086
Description  1.5A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1086 Datasheet(HTML) 3 Page - Sipex Corporation

  SP1086 Datasheet HTML 1Page - Sipex Corporation SP1086 Datasheet HTML 2Page - Sipex Corporation SP1086 Datasheet HTML 3Page - Sipex Corporation SP1086 Datasheet HTML 4Page - Sipex Corporation SP1086 Datasheet HTML 5Page - Sipex Corporation SP1086 Datasheet HTML 6Page - Sipex Corporation SP1086 Datasheet HTML 7Page - Sipex Corporation SP1086 Datasheet HTML 8Page - Sipex Corporation SP1086 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image

Date: 7/25/06 Rev G
SP086 .5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
(Typical and limits apply for TJ=25oC unless otherwise noted.)
Parameter
Test
Circuit Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
0.5%
4
VREF VKA=VREF,IKA=10mA
1.234 1.240
1.246
V
1%
1.228 1.240
1.252
Deviation of Reference Voltage
Over-Temperature
4
VREF
VKA=VREF
IKA=10mA
0oC to 70oC
2
10
mV
-40oC to 85oC
3
10
Ratio of Change in VREF to the
Change in Cathode Voltage
5
VREF
VKA
IKA=10mA,
VKA:VREF to 16V
-0.5
-1.5
mV/V
Reference Input Current
5
IREF IKA=10mA, R1=10K , R2=
0.15
0.4
A
Deviation of Reference Current
Over Full Temperature Range
5
IREF
IKA=10mA, R1=10K , R2=
TA=-40 to 85oC
0.1
0.4
A
Minimum Cathode Current for
Regulation
4
IKA
(MIN)
VKA=VREF
55
80
A
Off-State Cathode Current
6
IKA
(OFF)
VREF=0, VKA=18V
0.04
0.10
A
VKA=6, VREF=0
0.01
0.05
Dynamic Impedance
4
ZKA
VKA=VREF, IKA=1 to 100mA
f 1.0kHz
0.05
0.15
electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com