Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8071CLATR331 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8071CLATR331
Description  1.5A Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8071CLATR331 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8071CLATR331 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.belling.com.cn
2
BL8071
ORDERING INFORMATION
BL8071
□1□2□3□4□5
Code
Description
□1
Temperature&Rohs:
C:-40~85C ,Pb Free Rohs Std.
□2
Package type:
LA: SOT-223 (A)
LB: SOT-223 (B)
□3
Packing type:
TR:Tape&Reel (Standard)
□4
Output voltage:
e.g. 12=1.2V
18=1.8V
25=2.5V
33=3.3V
50=5.0V
□5
Voltage accuracy:
1=±1%(Customized)
Blank(default)=±2%
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
8V
Max Operating Junction
Temperature (TJ)
145C
Ambient Temperature (TA)
-40C~85C
Package Thermal
Resistance
SOT-223
20C / W
Storage Temperature (TS)
-40C~150C
Lead Temperature & Time
260C, 10 Sec
PIN CONFIGURATION
Product Classification
BL8071CLATR□□
JBXX
LLBYW
JB:Product
Code
XX:Output
Voltage
A: A type
LL:LOT NO.
B:FAB Code
YW:Date Code
Product Classification
BL8071CLBTR□□
JBXX
LLBYW
JB:Product
Code
XX:Output
Voltage
B: B type
LL:LOT NO.
B:FAB Code
YW:Date Code
VDD
Supply Voltage Input
GND
Ground Pin
VOUT
Output Voltage
Y: The Year of manufacturing,”1” stands for year 2011,
“2” stands for year 2012, and “8” stands for year 2018.
W: The week of manufacturing. ”A” stands for week
1,”Z” stands for week 26,” A ” stands for week 27,” Z ”
stands for week 52.
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range
Max. 6V
Ambient Temperature
-40C~85C
Operating Junction
Temperature (TJ)
125C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com