Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM01F2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF03-SIM01F2
Description  3 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM01F2 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF03-SIM01F2 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EMIF03-SIM01F2
2/7
Table 2: Absolute Ratings (limiting values)
Table 3: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter and test conditions
Value
Unit
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
- 40 to + 85
°C
Tstg
Storage temperature range
- 55 to + 150
°C
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
IPP
Peak pulse current
RI/O
Series resistance between Input &
Output
Cline
Input capacitance per line
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6V
IRM
VRM = 3V per line
1µA
Rd
1.5
Ω
R1
95
100
105
Ω
R2
44.65
47
49.35
Ω
R3
95
100
105
Ω
Cline
@ 0V
35
pF
Figure 3: S21 (dB) attenuation measurement
Figure 4: Analog crosstalk measurements
Aplac 7.60 User: STMicroelectronics Feb 22 2001
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
dB
f/Hz
B3_B1(CLK)
A3_A2(RST)
C3_C1(DAT)
dB
MHz
I
V
IF
IRM
IR
IPP
VRM
VF
VBR
VCL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com