Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM01F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF03-SIM01F2
Description  3 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM01F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF03-SIM01F2 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
MAIN PRODUCT APPLICATIONS:
EMI filtering and ESD protection for:
■ SIM Interface (Subscriber Identify Module)
■ UIM Interface (Universal Identify Module)
DESCRIPTION
The EMIF03-SIM01F2 is a highly integrated
devices designed to suppress EMI/RFI noise in all
systems subjected to electromagnetic interfer-
ences. The EMIF03 flip chip packaging means the
package size is equal to the die size.
This filter includes an ESD protection circuitry
which prevents the device from destruction when
subjected to ESD surges up 15kV.
BENEFITS
■ EMI symmetrical (I/O) low-pass filter
■ High efficiency in EMI filtering
■ Lead free package
■ Very low PCB space consuming:
1.42mm x 1.42mm
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression
■ High reliability offered by monolithic integration
■ High reducing of parasitic elements through
integration & wafer level packaging.
COMPLIES WITH THE FOLLOWING STANDARDS:
IEC61000-4-2
Level 4
15kV (air discharge)
8kV (contact discharge)
MIL STD 883E - Method 3015-6 Class 3
EMIF03-SIM01F2
3 LINES EMI FILTER
INCLUDING ESD PROTECTION
REV. 2
December 2004
Figure 2: Configuration
47
Ω
CLK in
Data in
CLK out
Data out
100
Ω
R1
R2
R3
RST in
RST out
100
Ω
VCC
GND
Cline = 35pF max.
Flip-Chip
(8 Bumps)
Figure 1: Pin Configuration (Ball side)
B
C
1
2
3
A
RST
in
RST
out
CLT
in
Data
in
Gnd
VCC
CLT
out
Data
out
TM: IPAD is a trademark of STMicroelectronics.
Table 1: Order Code
Part Number
Marking
EMIF03-SIM01F2
FC
IPAD™


Similar Part No. - EMIF03-SIM01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2_08 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
28-Apr-2008
More results

Similar Description - EMIF03-SIM01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01 STMICROELECTRONICS-EMIF02-USB01 Datasheet
111Kb / 6P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
Jan-2003
EMIF03-SIM01 STMICROELECTRONICS-EMIF03-SIM01 Datasheet
164Kb / 11P
003 LINES EMI FILTER INCLUDING ESD PROTECTION
22-Feb-2001
EMIF04-MMC02F2 STMICROELECTRONICS-EMIF04-MMC02F2 Datasheet
95Kb / 7P
4 LINES EMI FILTER INCLUDING ESD PROTECTION
06-Apr-2005
EMIF04-MMC02F1 STMICROELECTRONICS-EMIF04-MMC02F1 Datasheet
170Kb / 7P
4 LINES EMI FILTER INCLUDING ESD PROTECTION
Sep-2002
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2 Datasheet
275Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
27-Oct-2004
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
12-Oct-2004
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2 Datasheet
197Kb / 7P
6 LINES EMI FILTER INCLUDING ESD PROTECTION
25-Jan-2005
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ_05 Datasheet
51Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2 Datasheet
141Kb / 8P
3 line EMI filter including ESD protection
21-Mar-2007
EMIF04-2005QCF STMICROELECTRONICS-EMIF04-2005QCF_05 Datasheet
54Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com