Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM01F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF03-SIM01F2
Description  3 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM01F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF03-SIM01F2 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EMIF03-SIM01F2
4/7
Figure 9: Aplac model
sub
50p
0.05
0.08nH
0.1
DEMIF03 diodes Model
- RS = 1.2
- CJO = 17p
- M = 0.3333
- VJ = 0.6
- ISR = 100p
- BV = 6.8
- IBV = 1m
- TT = 100n
Rseries = 47R (CLK line)
= 100R (RST & Data lines)
DEMIF03_Vcc diode Model
- RS = 1.5
- CJO = 20p
- M = 0.3333
- VJ = 0.6
- ISR = 100p
- BV = 6.8
- IBV = 1m
- TT = 100n
Rseries
sub
Port1
50
Port2
50
MODEL = demif03
MODEL = demif03
MODEL = demif03_Vcc
sub
Vcc



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com