Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8563 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8563
Description  300mA High PSRR, Linear Regulator, w. Output Discharge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8563 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8563 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.belling.com.cn
3
BL8563
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
8V
Operating Junction Temperature(Tj)
125C
Output Current
300mA
Ambient Temperature(Ta)
-40C –85C
Power Dissipation
SC70-5
250mW
SOT-23-3
250mW
SOT-23-5
250mW
DFN1x1-4
600mW
DFN1.2x1.6-4
800mW
Storage Temperature(Ts)
-40C -150C
Lead Temperature & Time
260C,10S
Note:
Heat Sink Area of PCB for DFN1x1-4 and DFN1.2x1.6-4 is recommended at least 2.5mmx4mm.
Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
RECOMMENDED WORK CONDITIONS
Item
Min
Recommended
Max.
Unit
Input Voltage Range
2
6
V
Ambient Temperature*
-40
85
C
*The operation ambient temperature range is verified on several test samples. Not a test condition for volume
production whose test is only performed under 25C.
ELECTRICAL CHARACTERISTICS
(Test Conditions: Cin=1uF,Cout=1uF,TA=25C, unless otherwise specified. )
BL8563, For Arbitrary Output Voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vin
Input Voltage
2
6
V
Vout
Output
Voltage
Vout>1.5V
Vin=Set Vout+1V
1mA≤Iout≤30mA
Vout
x0.98
Vout
Vout
X1.02
V
Vout<=1.5V
Vout
-0.03
Vout
+0.03
Iout (Max.)
Maximun Output Current
Vin-Vout=1V
300
mA
Vdrop
1
Dropout
Voltage,Vout≥2.8V
Iout=100mA
100
150
mV
Iout=300mA
300
400
mV
Vout
Vin
Vout
Line Regulation
Iout=40mA
2.8V≤Vin≤6V
0.05
0.2
%/V
Vout
/
Iout
Load Regulation
Vin=Set Vout+1V
1mA≤Iout≤300mA
50
80
mV
Iss
Supply Current
Vin=Set Vout+1V
35
80
uA
Istandby
Supply Current (Srandby)
Vin=Set Vout+1V
Vce=Vss
0.1
1.0
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com