Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8563 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8563
Description  300mA High PSRR, Linear Regulator, w. Output Discharge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8563 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8563 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.belling.com.cn
4
BL8563
Vout
T
Vout
Output Voltage
Temperature Coefficient
Iout=30mA
±100
ppm/C
PSRR
Ripple Rejection
F=1KHz, Ripple=0.5Vp-p
Vin=Set Vout+1V
70
dB
Ilim
Current Limit
300
mA
Vceh
CE Input Voltage “H”
1.5
Vin
V
Vcel
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW=10Hz~100kHz
47
uVrms
Rdischarge
Discharge Resistor
CE=0, Vout=3.0V
1.5K
ohm
Rcepd
CE pin pull down resistor
CE=Vin=5V
500K
ohm
NOTE:
Vdrop=Vin1-(Vout2*0.98) Vout2 is the output voltage when Vin=Vout1+1.0V and Iout=300mA.
Vin1 is the input voltage at which the output voltage becomes 98% of Vout1 after gradually decreasing the input voltage.
BLOCK DIAGRAM
EXPLANATION
BL8563 series is a group of positive voltage output, low noise, low power consumption, low dropout
voltage regulator.
BL8563 can provide output value in the range of 1.0V~4.5V every 0.1V step. It also can be customized on
command.
BL8563 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
BL8563 has excellent load and line transient response and good temperature characteristics, which can
assure the stability of chip and power system. And it uses trimming technique to guarantee output voltage
accuracy within±2%.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com