Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8563 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8563
Description  300mA High PSRR, Linear Regulator, w. Output Discharge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8563 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8563 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8563 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.belling.com.cn
1
300mA High PSRR, Linear Regulator, w. Output Discharge
BL8563
DESCRIPTION
BL8563 series is a group of positive voltage
output, low power consumption, low dropout
voltage regulator.
BL8563 can provide output value in the range of
1.0V~4.5V every 0.1V step. It also can be
customized on command. BL8563 can also work
under a wide input voltage ranging from 2.0V to
6V.
BL8563 includes high accuracy voltage reference,
error amplifier, current limit circuit and output
driver module.
BL8563 has excellent load and line transient
response and good temperature characteristics,
which can assure the stability of chip and power
system. And it uses trimming technique to
guarantee output voltage accuracy within ±2%.
BL8563 is available in SOT-23-3, SOT-23-5, SC-70-5,
DFN1x1-4 and DFN1.2x1.6-4 packages which is
lead free.
FEATURES
 Output voltage range: 1.0V~4.5V (customized
on command every 0.1V step)
 Low power consumption: 35uA (Typ.)
 Low output noise (47uVRMS)
 Shutdown mode: 0.1uA
 Low dropout voltage: 300mV@300mA (Typ.)
 High ripple rejection:70dB@1KHz (Typ.)
 Low temperature coefficient: ±100ppm/C
 Excellent line regulation: 0.05%/V
 Build-in 1.5K discharge resistor when CE low
 Highly accurate: ±2%
 Output current limit
 Fold-back output short circuit protection
APPLICATIONS
 Power source for cellular phones and various
kind of PCSs
 Battery Powered equipment
 Power Management of MP3, PDA, DSC,
Mouse, PS2 Games
 Voltage Reference
 Regulation after Switching Power
TYPICAL APPLICATION
Vin
Vout
Vss
1uF
Vin
1uF
LC1476
CE
Vout
CE
NOTE: Input capacitor (Cin=1uF) and Output capacitor
(Cout=1uF) are recommended in all application circuit.
ELECTRICAL CHARACTERISTICS
BL8563


Similar Part No. - BL8563

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
Low noise, fast response 300mA LDO regulator
More results

Similar Description - BL8563

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
300mA High PSRR, Linear Regulator
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
300mA High PSRR, Linear Regulator
VER 1.3
ACE515C ACE-ACE515C Datasheet
835Kb / 10P
300mA High PSRR, Linear Regulator, w. Output Discharge
VER 1.5
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
300mA High PSRR, Linear Regulator
VER 1.4
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
300mA High PSRR, Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
300mA High PSRR, Linear Regulator
BL8568 BELLING-BL8568_13 Datasheet
804Kb / 8P
500mA High PSRR, Linear Regulator, w. Output Discharge
logo
AiT Semiconductor Inc.
A6303 AITSEMI-A6303 Datasheet
616Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR, W. OUTPUT DISCHARGE
REV1.7
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com