Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

600R160-R1 Datasheet(PDF) 2 Page - Littelfuse

Part # 600R160-R1
Description  The 600R Series is designed to protect against power fault events typically found in telecom applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

600R160-R1 Datasheet(HTML) 2 Page - Littelfuse

  600R160-R1 Datasheet HTML 1Page - Littelfuse 600R160-R1 Datasheet HTML 2Page - Littelfuse 600R160-R1 Datasheet HTML 3Page - Littelfuse 600R160-R1 Datasheet HTML 4Page - Littelfuse 600R160-R1 Datasheet HTML 5Page - Littelfuse 600R160-R1 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
POLY-FUSE® Resettable PTCs
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 03/22/17
Radial Leaded > 600R Series
Temperature Rerating Curve
-40 -30 -20 -10
01020304050607080
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Average Time Current Curves
Part Number
Lightning
Power Cross
600R150
600R160
TIA-968-A – 1.5kV 10/160μs
800V 10/560μs
Telcordia GR 1089 – 1.0kV 10/1000μs
2.5kV 2/10μs
UL60950, 3rd Ed – 600Vac, 40A
Telcordia GR – 1089 – 600Vac, 60A
Devices should be independently evaluated and tested for use in any specific application
Agency Specification Selection Guide For Telecom and Networking Applications
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
Note:
Typical Temperature rerating curve, refer to table for derating data
Ambient OperationTemperature
-40°C
-20°C
0°C
23°C
40°C
60°C
85°C
Part Number
Hold Current (A)
600R150
0.241
0.219
0.183
0.150
0.129
0.102
0.74
600R160
0.274
0.244
0.206
0.160
0.135
0.093
0.44
Temperature Rerating
0
1
10
100
0.5
1.5
2.0
1.0
2.5
3.0
Fault Current (A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com