Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

600R160-R1 Datasheet(PDF) 1 Page - Littelfuse

Part # 600R160-R1
Description  The 600R Series is designed to protect against power fault events typically found in telecom applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

600R160-R1 Datasheet(HTML) 1 Page - Littelfuse

  600R160-R1 Datasheet HTML 1Page - Littelfuse 600R160-R1 Datasheet HTML 2Page - Littelfuse 600R160-R1 Datasheet HTML 3Page - Littelfuse 600R160-R1 Datasheet HTML 4Page - Littelfuse 600R160-R1 Datasheet HTML 5Page - Littelfuse 600R160-R1 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POLY-FUSE® Resettable PTCs
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 03/22/17
Radial Leaded > 600R Series
The 600R Series is designed to protect against power fault
events typically found in telecom applications. This series is
designed to be used in applications that need to meet the
requirements of GR–1089-CORE and UL60950/EN60950/
IEC60950. These resettable devices also help to meet the
requirements of ITU K.20, K.21 and K.44.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
V
int / Vop
I
max
(A)
P
d
typ.
(W)
MaximumTime
ToTrip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
typ
(Ω)
R
1max
(Ω)
600R150
0.15
0.30
600/60
3
1.00
1
4
6
10
17
X
X
600R150-RA
0.15
0.30
600/60
3
1.00
1
4
7
10
20
X
X
600R150-RB
0.15
0.30
600/60
3
1.00
1
3
9
12
22
X
X
600R160
0.16
0.32
600/60
3
1.00
1
10
4
10
18
X
X
600R160-RA
0.16
0.32
600/60
3
1.00
1
10
4
7
16
X
X
600R160-R1
0.16
0.32
600/60
3
1.00
1
10
4
8
17
X
X
Description
Features
Applications
• 0.15 – 0.16A hold current
range, 60VDC operating
voltage
• 600VAC interrupt rating
• Fast time–to-trip
• Binned and sorted narrow
resistance ranges available
• RoHS compliant, Lead–
Free and Halogen-Free*
Secondary overcurrent
protection for:
• Central Office
Equipment (CO)
• Customer Premises
Equipment (CE)
• Alarm systems
• Set Top Boxes (STB)
• Voice over IP (VOIP)
• Subscriber Line Interface
Circuit (SLIC)
RoHS
Agency Approvals
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
int = Maximum voltage the device can withstand without damage at rated current (I max)
V
op= The device regular operation voltage
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
*
* Effective February 11, 2010 onward, all 600R PTC products will be manufactured Halogen Free (HF). Existing Non-Halogen Free 600R PTC products may continue to be sold, until
supplies are depleted. This change will have no effect on 600R product specifications or performance.
600R Series
WARNING
• Users shall independently assess the suitability of these devices for each of their applications
• Operation of these devices beyond the stated maximum ratings could result in damage to the devices and lead to electrical arcing and/or fire
• These devices are intended to protect against the effects of temporary over-current or over-temperature conditions and are not intended to perform as protective devices where such
conditions are expected to be repetitive or prolonged in duration
• Exposure to silicon-based oils, solvents, electrolytes, acids, and similar materials can adversely affect the performance of these PPTC devices
• These devices undergo thermal expansion under fault conditions, and thus shall be provided with adequate space and be protected against mechanical stresses
• Circuits with inductance may generate a voltage (L di/dt) above the rated voltage of the PPTC device.
AGENCY
AGENCY FILE NUMBER
E183209
R50120008


Similar Part No. - 600R160-R1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R160-R1 LITTELFUSE-600R160-R1 Datasheet
354Kb / 5P
POLYFUSE짰 Resettable PTCs
600R160-R1 LITTELFUSE-600R160-R1 Datasheet
214Kb / 6P
POLYFUSE Resettable PTCs
More results

Similar Description - 600R160-R1

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SMCJ5.0A-CA YFWDIODE-SMCJ5.0A-CA Datasheet
733Kb / 4P
The SMCJ series is designed specilically to protect
SMBJ5.0A-SMBJ440A YFWDIODE-SMBJ5.0A-SMBJ440A Datasheet
1Mb / 5P
The SMBJ series is designed specifically to protect
logo
Littelfuse
SMAJ LITTELFUSE-SMAJ Datasheet
991Kb / 6P
The SMAJ series is designed specifically to protect
250R LITTELFUSE-250R Datasheet
729Kb / 7P
The 250R Series is designed to protect against short duration high voltage fault currents
TPSMB LITTELFUSE-TPSMB Datasheet
982Kb / 6P
The TPSMB series is designed specifically to protect
logo
SHIKUES Electronics
SMDJ5.0AG SKTECHNOLGY-SMDJ5.0AG Datasheet
482Kb / 4P
The SMDJ series is designed specifically to protect
SMDJ5.0CAG SKTECHNOLGY-SMDJ5.0CAG Datasheet
482Kb / 4P
The SMDJ series is designed specifically to protect
logo
Guangdong Youtai Semico...
LESD3Z5.0CMT1G UMW-LESD3Z5.0CMT1G Datasheet
463Kb / 4P
The LESD3Z5.0CMT1G is designed to protect voltage
LESD8D7.0CAT5G UMW-LESD8D7.0CAT5G Datasheet
367Kb / 4P
The LESD8D7.0CA is designed to protect
LESD8LH5.0CT5G UMW-LESD8LH5.0CT5G Datasheet
456Kb / 4P
The LESD8LH5.0CT5G is designed to protect
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com