Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

600R160-R1 Datasheet(PDF) 6 Page - Littelfuse

Part # 600R160-R1
Description  The 600R Series is designed to protect against power fault events typically found in telecom applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

600R160-R1 Datasheet(HTML) 6 Page - Littelfuse

  600R160-R1 Datasheet HTML 1Page - Littelfuse 600R160-R1 Datasheet HTML 2Page - Littelfuse 600R160-R1 Datasheet HTML 3Page - Littelfuse 600R160-R1 Datasheet HTML 4Page - Littelfuse 600R160-R1 Datasheet HTML 5Page - Littelfuse 600R160-R1 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
POLY-FUSE® Resettable PTCs
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 03/22/17
Radial Leaded > 600R Series
Dimension
EIA Mark
IEC Mark
Dimensions
Dim. (mm)
Tol. (mm)
Carrier tape width
W
W
18
-0.5 / +1.0
Hold down tape width:
W
4
W
0
11
min.
Top distance between tape edges
W
6
W
2
3
max.
Sprocket hole position
W
5
W
1
9
-0.5 / +0.75
Sprocket hole diameter*
D
0
D
0
4
-0.32 / +0.2
Abscissa to plane(straight lead)
H
H
18.5
-/+ 3.0
Abscissa to plane(kinked lead)
H
0
H
0
16
-/+ 0.5
Abscissa to top
H
1
H
1
32.2
max.
Overall width w/o lead protrusion
C
1
42.5
max.
Overall width w/ lead protrusion
C
2
43.2
max.
Lead protrusion
L
1
l
1
1.0
max.
Protrusion of cut out
L
L
11
max.
Protrusion beyond hold-down tape
l
2
l
2
Not specified
Sprocket hole pitch: 600R150 & 600R160
P
0
P
0
25.4
-/+ 0.5
Device pitch: 600R150 & 600R160
25.4
Pitch tolerance
20 consecutive.
-/+ 1
Tape thickness
t
t
0.9
max.
Tape thickness with splice
t
1
2.0
max.
Splice sprocket hole alignment
0
-/+ 0.3
Body lateral deviation
Δh
Δh
0
-/+ 1.0
Body tape plane deviation
Δp
Δp
0
-/+ 1.3
Ordinate to adjacent component lead*
P
1
P
1
3.81
-/+ 0.7
Lead spacing
F
F
5.08
-/+ 0.8
Tape and Ammo Specifications
Devices taped using EIA468-B/IE286-2 standards. See table below and Figure 1 for details.
*Differs from EIA Specification
Tape and Ammo Diagram
A
B
A1
L1
P0
D0
F
L
W4
H0
I2
H1
W5
W
Reference plane
∆h
∆h
H1
H
C1
C2
∆h
∆p
Direction of unreeling
Cross section A - B
t
Cross section
Optional shape: Circular or polygonal
Direction
of
unreeling
Reel
Tape
Upper side
Lower side
w1
w2
Figure 1
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com