Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4998P8 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4998P8
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P8 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4998P8 Datasheet HTML 1Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 2Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 3Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 4Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 5Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 6Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 7Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 8Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLE4998P8(D)
Overview
Data Sheet
5
Revision 1.1, 2017-01
1.2
Target Applications
•
Robust replacement of potentiometers: No mechanical abrasion, resistant to humidity, temperature, pollution
and vibration
•
Linear and angular position sensing in automotive and industrial applications with highest accuracy
requirements
•
Suited for safety applications such as pedal position, throttle position and steering torque sensing
1.3
Pin Configuration
Figure 1-2 shows the location of the Hall elements in the package and the pin configuration of the TLE4998P8(D).
Figure 1-2
Pin Configuration of PG-TDSO-8 Package
Table 1-2
TLE4998P8(D) Pin Definitions and Functions
Pin No.
Symbol
TLE4998P8 Function
TLE4998P8D Function
1
TST
Test pin (connection to GND is
recommended)
Test pin (top die, connection to GND is
recommended)
2
V
DD
Supply voltage / programming interface
Supply voltage / programming interface
(top die)
3
GND
Ground
Ground (top die)
4
OUT
Output / programming interface
Output / programming interface (top die)
5
OUT
Not connected
Output / programming interface (bottom
die)
6
GND
Not connected
Ground (bottom die)
7
V
DD
Not connected
Supply voltage / programming interface
(bottom die)
8
TST
Not connected
Test pin (bottom die, connection to GND is
recommended)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com