Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4998P8 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4998P8
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P8 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4998P8 Datasheet HTML 3Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 4Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 5Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 6Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 7Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 8Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 9Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 10Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TLE4998P8(D)
General
Data Sheet
7
Revision 1.1, 2017-01
2.3
Principle of Operation
•
A magnetic flux is measured by a Hall-effect cell
•
The output signal from the Hall-effect cell is converted from analog to digital signals
•
The chopped Hall-effect cell and continuous-time A/D conversion ensure a very low and stable magnetic offset
•
A programmable low-pass filter to reduce noise
•
The temperature is measured and A/D converted
•
Temperature compensation is done digitally using a second-order function
•
Digital processing of the output value is based on zero field and sensitivity value
•
The output value range can be clamped by digital limiters
•
The final output value is transferred in a rectangular, periodic signal with varying duty cycle (Pulse Width
Modulation)
•
The duty cycle is proportional to the 12-bit output value
2.4
Transfer Functions
The examples in Figure 2-2 show how different magnetic field ranges can be mapped to the desired output value
ranges.
•
Polarity Mode:
– Bipolar: Magnetic fields can be measured in both orientations. The limit points do not necessarily have to
be symmetrical around the zero field point
– Unipolar: Only north- or south-oriented magnetic fields are measured
•
Inversion: Both gain can be set to positive values, negative values or positive/negative values.
Figure 2-2
Examples of Operation
0
4095 /
65535
50
-50
100
-100
200
-200
OUT12 /
OUT16
0
0
B (mT)
B (mT)
B (mT)
0
0
0
OUT12 /
OUT16
OUT12 /
OUT16
4095 /
65535
4095 /
65535
Example 1:
-Bipolar
Example 2:
-Unipolar
-Big offset
Example 3:
- Bipolar
- Inverted (neg. gain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com