Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4998P8 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4998P8
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P8 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4998P8 Datasheet HTML 6Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 7Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 8Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 9Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 10Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 11Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 12Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 13Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TLE4998P8(D)
Electrical, Thermal and Magnetic Parameters
Data Sheet
10
Revision 1.1, 2017-01
5
Electrical, Thermal and Magnetic Parameters
All specification values are valid over temperature and lifetime, unless noted otherwise.
5.1
Electrical Characteristics
Figure 5-1
Output Characteristic
Table 5-1
Electrical Characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply current
IDD
368
mA
–
Thermal resistance1)
1) Values derived from a simulation with a 4-layer PCB
RthJA
–
150
–
K/W
junction to air
RthJC
–
85
–
K/W
junction to case
Power-on time2)
2) Response time to set up output data at power on when a constant field is applied. The first value given has a ±5% error,
the second value has a ±1% error.
tPon
–0.7
15
2
20
ms
≤ ±5% target out value
≤ ±1% target out value
Power-on reset level3)
3) Power-on and power-off
VDDpon
3.1
3.5
3.9
V
Output impedance
ZOUT
19
30
44
kΩ
Output fall time
tfall
23.5
5
μsVOUT 4.5V to 0.5V
4)
4) Depends on External
R
L and CL, See Figure 5-1
Output rise time
trise
–20
–
μsVOUT 0.5V to 4.5V
4)
Output low saturation
voltage
VOUTsat
–0.3
0.6
V
IOUTsink= 5 mA
–0.2
0.4
V
IOUTsink= 2.2 mA
Output noise (rms)
OUTnoise
––2
LSB12
With LP filter setting, from 80 Hz
until 1390 Hz5)
5) Range ±50 mT (also valid for ranges ±100 mT and ±200 mT), Gain 1.0 (scales linearly with gain)
Oscillator frequency
variation
∆
f / f
-20
–
20
%
Nominal oscillator frequency:
8MHz
VOUT
*)
VDD
90% VDD
10% VDD
trise
t
tfall
*) R
L to VDD assumed
tlow
tPWM
DY = thigh/tPWM
VOUTsat
thigh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com