Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX6MASK Datasheet(PDF) 30 Page - Keysight Technologies

Part # DSOX6MASK
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6MASK Datasheet(HTML) 30 Page - Keysight Technologies

Back Button DSOX6MASK Datasheet HTML 26Page - Keysight Technologies DSOX6MASK Datasheet HTML 27Page - Keysight Technologies DSOX6MASK Datasheet HTML 28Page - Keysight Technologies DSOX6MASK Datasheet HTML 29Page - Keysight Technologies DSOX6MASK Datasheet HTML 30Page - Keysight Technologies DSOX6MASK Datasheet HTML 31Page - Keysight Technologies DSOX6MASK Datasheet HTML 32Page - Keysight Technologies DSOX6MASK Datasheet HTML 33Page - Keysight Technologies DSOX6MASK Datasheet HTML 34Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
30 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Configure your InfiniiVision 6000 X-Series Oscilloscope
Step 1. Choose your number of channels
InfiniiVision 6000 X-Series oscilloscopes
Input channels
DSOX6002A
2
DSOX6004A
4
MSOX6002A
2 + 16
MSOX6004A
4 + 16
Step 2. Choose your bandwidth
Bandwidth options
1 GHz
2.5 GHz
4 GHz
6 GHz
For 2 channel models
Default
DSOX6B10T252BW
DSOX6B10T402BW
DSOX6B10T602BW
For 4 channel modes
Default
DSOX6B10T254BW
DSOX6B10T404BW
DSOX6B10T604BW
* Examples
If you want 1 GHz, 4 + 16 channel, the model configuration will be MSOX6004A only
If you want 4 GHz, 4 + 16 channel, the model configuration will be MSOX6004A and DSOX6B10T404BW
Step 3. Tailor your oscilloscope with measurement applications to save time and money
Bandwidth, feature, and application upgrades
Model number
Application bundle
Software application bundle
DSOX6APPBNDL (includes DSOX6EMBD, DSOX6COMP, DSOX6USBFL,
DSOX6USBH, DSOX6AUTO, DSOX6FLEX, DSOX6AUDIO, DSOX6AERO,
DSOX6JITTER, DSOX6WAVEGEN2, DSOX6PWR, DSOX6MASK,
DSOX6USBSQ, DSOX6VID, DSOX6SENSOR, DSOX6CXPI, DSOX6NRZ,
DSOX6FRA)
Serial protocols
MIL-STD 1553 and ARINC 429 serial triggering and analysis
DSOX6AERO
Audio serial triggering and analysis (I2S)
DSOX6AUDIO
Automotive serial triggering and analysis (CAN, CAN-dbc, CAN-FD, LIN)
DSOX6AUTO
Computer serial triggering and analysis (RS232/UART)
DSOX6COMP
Embedded serial triggering and analysis (I2C, SPI)
(SPI requires 4, 2+16, or 4+16 channel 6000 X-Series)
DSOX6EMBD
FlexRay serial triggering and analysis
DSOX6FLEX
SENT (Single Edge Nibble Transmission) triggering and analysis
DSOX6SENSOR
CXPI triggering and decode
DSOX6CXPI
USB 2.0 Full/Low Speed serial decode and triggering
DSOX6USBFL
USB 2.0 Hi-Speed serial decode and triggering
DSOX6USBH
USB PD serial decode and triggering
DSOX6UPD
User-definable Manchester/NRZ triggering and decode
DSOX6NRZ
Measurement applications
Jitter and real time eye diagram analysis
DSOX6JITTER
Mask limit testing
DSOX6MASK
Frequency Response Analysis (FRA)
DSOX6FRA
Power analysis application
DSOX6PWR
USB 2.0 signal quality test
DSOX6USBSQ
Enhanced video/TV application package
DSOX6VID
Dual channel WaveGen 20 MHz AWG
DSOX6WAVEGEN2
Productivity tools
Infiniium offline oscilloscope analysis software
N8900A
User-defined Application (UDA) PC software
N5467B/C
BenchVue oscilloscopes application
BV0004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com