Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX6MASK Datasheet(PDF) 7 Page - Keysight Technologies

Part # DSOX6MASK
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6MASK Datasheet(HTML) 7 Page - Keysight Technologies

Back Button DSOX6MASK Datasheet HTML 3Page - Keysight Technologies DSOX6MASK Datasheet HTML 4Page - Keysight Technologies DSOX6MASK Datasheet HTML 5Page - Keysight Technologies DSOX6MASK Datasheet HTML 6Page - Keysight Technologies DSOX6MASK Datasheet HTML 7Page - Keysight Technologies DSOX6MASK Datasheet HTML 8Page - Keysight Technologies DSOX6MASK Datasheet HTML 9Page - Keysight Technologies DSOX6MASK Datasheet HTML 10Page - Keysight Technologies DSOX6MASK Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
07 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
New Standard for Price Performance: Bandwidth, Visualization, and Integration
Visualization
The power of visualization: If you can’t see it, you
can’t fix it
Troubleshooting always starts with an acknowledgment of
the problem, and a visual confirmation adds confidence in
engineering troubleshooting. The feature-rich 6000 X-Series
oscilloscopes include numerous visualization features offered for
the first time in embedded-OS-class oscilloscopes.
Use the 6000 X-Series’ 12.1-inch multi-touch
screen just like you use your tablet or smartphone
See your waveforms clearly on the large 12.1-inch display and
discover how easy it is to troubleshoot your designs with a
multi-touch screen with gesture controls. Use the large, easily
touchable targets on the capacitive display and enjoy the fast,
responsive user interface. Pinch and zoom with your fingers to
control your signals and functions. Swipe and stop waveforms
and menus for easy operation.
Visualize the anomalies: More than 450,000
waveforms-per-second update rate
Finding infrequent anomalies is a tedious task. With the
ultrafast 450,000 waveforms-per-second update rate, the
InfiniiVision 6000 X-Series gives you the highest probability of
capturing random and infrequent events that you would miss on
oscilloscopes with lower waveform update rates.
Powered by MegaZoom IV technology, the 6000 X-Series lets you
see more waveforms and find the most difficult problems in your
design. Unlike other oscilloscopes, uncompromised waveform
update rate delivers:
– Quick, responsive operation at all times
– Fast update rate
– with the digital channels on
– with the protocol decoding on
– with the math functions turned on
– with the measurements turned on
Figure 9. Multi-touch operation.
Figure 10. The ultrafast waveform update rate of the 6000 X-Series
revealed the existence of rare glitches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com