Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX6MASK Datasheet(PDF) 37 Page - Keysight Technologies

Part # DSOX6MASK
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6MASK Datasheet(HTML) 37 Page - Keysight Technologies

Back Button DSOX6MASK Datasheet HTML 33Page - Keysight Technologies DSOX6MASK Datasheet HTML 34Page - Keysight Technologies DSOX6MASK Datasheet HTML 35Page - Keysight Technologies DSOX6MASK Datasheet HTML 36Page - Keysight Technologies DSOX6MASK Datasheet HTML 37Page - Keysight Technologies DSOX6MASK Datasheet HTML 38Page - Keysight Technologies DSOX6MASK Datasheet HTML 39Page - Keysight Technologies DSOX6MASK Datasheet HTML 40Page - Keysight Technologies DSOX6MASK Datasheet HTML 41Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
37 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Search, navigate, and lister
Type
Edge, pulse width, rise/fall, runt, frequency peak, serial bus 1, serial bus 2
Copy
Copy to trigger, copy from trigger
Frequency peak
Source
Math functions
Max number of peaks
11
Control
Threshold, excursion, results order (frequency or amplitude)
Result display
Event lister or navigation. Manual or autoscroll via navigation or touch event lister entry to jump to a
specific event
Waveform measurements
DC vertical accuracy/cursors 2
Single cursor accuracy: ± [DC vertical gain accuracy + DC vertical offset accuracy + 0.21% full scale]
Dual cursor accuracy: ± [DC vertical gain accuracy + 0.42% full scale] 1
Number of measurements
56 automatic measurements, maximum of 10 displayed at a time
Cursors
2 pairs of XY cursors
Automatic measurement of positions, ΔX, 1/ΔX, ΔY, and ΔY/ΔX
Automatic
measurements
Measurements continuously updated with statistics. Cursors track last selected measurement.
Select up to 10 measurements from the list below:
Snapshot
Makes a snapshot of 31 most popular measurements. Touchable target to populate the
measurement side bar
Voltage/current
Peak-to-peak, maximum, minimum, amplitude, top, base, overshoot, preshoot, average- N cycles,
average-full screen, DC RMS-N cycles, DC RMS-full screen, AC RMS-N cycles, AC RMS-full screen
(standard deviation), ratio-N cycles, ratio-full screen
Time
Period, frequency, counter, + width, - width, burst width, + duty cycle, - duty cycle, bit rate, rise
time, fall time, delay, phase, X at min Y, X at max Y
Count
Positive pulse count, negative pulse count, rising edge count, falling edge count
Mixed
Area-N cycles, area-full screen
Jitter
Option DSOX6JITTER required
Data TIE, clock TIE, N-period, period-period, + width to + width, - width to - width
Real-time eye
Option DSOX6JITTER required
Eye width, eye height
Dual-channel (requires
N2820A probe)
Charge-N cycles, charge-full screen, peak-peak, amplitude, DC RMS-N cycles, DC RMS-full screen,
AC RMS- N cycles, AC RMS-full screen (standard deviation), average-N cycles, average-full screen,
base
Automatic
measurement logging
Available via BV0004B BenchVue
Counter
Built-in frequency counter (see “Precision counter/totalizer section” for the 10-digit counter)
Source
Any analog and digital channel
Resolution
5 digits
Max frequency
1 GHz (1.2 GHz typical)
1. Denotes warranted specifications; All others are typical. Specifications are valid after a 30-minute warm-up period and ± 10 °C from firmware calibration
temperature.
2. 1 mV/div is a magnification of 2 mV/div setting. For vertical accuracy calculations, use full scale of 16 mV for 1 mV/div sensitivity setting.
Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com