Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6285 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6285
Description  Multi-Channel DC-DC Converter for LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6285 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6285 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Datasheet
LP6285
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 6 of 8
LP6285–00 Version 0.1 MAR.-2017
Electrical Characteristics
(VIN =3.3V, VAVDD =10V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
General
VIN Input Supply Voltage
VIN
2.5
5.5
V
AVDD
AVDD
6
18
V
AVDD Over Voltage Protect
VOVP
18
20
V
Boost Switching Frequency
FLX
1
1.2
1.4
MHz
Charge Pump Frequency
FCP
500
600
700
kHz
VIN Supply Current
IQ
VFB=1.3V, LX no Switching
0.3
0.6
mA
VFB=1.1V, LX Switching
0.8
2
mA
AVDD Operation Current
IAVDD
0.6
0.9
mA
Input UVLO Threshold
VUVLO(VTH)
VIN Rising
1.8
2
2.2
V
UVLO Threshold Hysteresis
VUVLO(HYS)
Falling Hysteresis
100
mV
Reference Voltage
VREF
1.176
1.2
1.224
V
Thermal Shutdown Threshold
TSD
150
°C
Thermal Shutdown Hysteresis
30
°C
Boost Regulator
Maximum Duty-Cycle
DMAX
86
90
94
%
Feedback Voltage
VFB
1.188
1.2
1.212
V
Transcocnductance
Gm
ΔI=5uA
70
uA/V
Voltage Gain
AV
700
V/V
Switch-ON Resistance
RDS(ON)
200
500
m
Ω
Current Limit
ILimit
2.5
A
LX Leak Current
ILeak
LX Off.
0.01
1
uA
Internal Soft Start Time
TSS
10
ms
UVP Fault Protection Voltage
VUVP
VFB Falling
0.95
V
UVP Fault Delay
TUVP
100
ms
Short Circuit Protection Voltage
VSCP
100
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com