Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6285 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6285
Description  Multi-Channel DC-DC Converter for LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6285 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6285 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP6285
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 1 of 8
LP6285–00 Version 0.1 MAR.-2017
Multi-Channel DC-DC Converter for LCD Panel
General Description
The
LP6285
includes
a
high-efficiency
boost
regulator, a VCOM buffer, and dual charge pump
controller for active matrix TFT LCDs.
The
converter
is
a
high
switching
frequency
current-mode
regulator
with
an
integrated
N-Channel 200m
Ω MOSFET that allows the use of
small inductors and ceramic capacitors.
The Unity-Gain buffer can drive the VCOM voltage,
that features high short-circuit current, fast slew rate
and rail-to-rail inputs and outputs.
The
positive/negative
charge
pump
controller
provides regulated Gate-On voltage. The regulation
of the charge pump is generated by the internal
comparator that senses the output voltage and
compares it with an internal reference.
Other features include under-voltage protection,
short circuit protection, thermal shutdown protection
and under-voltage lockout (UVLO). The
LP6285 is
available in a space saving QFN-16 (0.5mm pitch)
package.
Order Information
LP6285
□ □ □
F: Pb-Free
Package Type
QVF: QFN-16
Features
Wide VIN Range: 2.5V to 5.5V
1.2MHz Current-Mode Boost Regulator
Adjustable Output Voltage (±1%)
Built-In 2.5A, 200m
Ω N-MOSFET
Internal Soft-Start
Operation Amplifier for VCOM Buffer
Adjustable Detecting Voltage
Open-Drain Reset Output
VGH and VGL Charge Pump
Under-Voltage Protection
Over-Temperature Protection
Available in QFN-16 (3mm×3mm)
RoHS Compliant
Pb-Free Package
Applications
Photo Frame
GPS
Marking Information
Device
Marking
Package
Shipping
LP6285
LPS
LP6285
YWX
QFN-16
3K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LP6285

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6280 POWER-LP6280 Datasheet
781Kb / 12P
Dual Channel Output LCD Bias Power
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
LCD Bias Power for Panel
LP6283 POWER-LP6283 Datasheet
529Kb / 10P
Power Management ICs for TV / Monitor
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
Multi-Channel DC-DC Converter
LP6286 POWER-LP6286 Datasheet
505Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
More results

Similar Description - LP6285

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5313A ROHM-BP5313A Datasheet
63Kb / 5P
DC / DC converter for LCD
BD6066EKN ROHM-BD6066EKN Datasheet
358Kb / 6P
Step-up DC/DC converter for middle size LCD panel
BD6066GU ROHM-BD6066GU Datasheet
347Kb / 6P
Step-up DC/DC converter for middle size LCD panel
BD6583MUV ROHM-BD6583MUV Datasheet
334Kb / 5P
Step-up DC/DC converter for medium size LCD panel
logo
Global Mixed-mode Techn...
G5521 GMT-G5521 Datasheet
272Kb / 2P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
G5529 GMT-G5529 Datasheet
105Kb / 1P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
logo
Lowpower Semiconductor ...
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
Multi-Channel DC-DC Converter
LP6286 POWER-LP6286 Datasheet
505Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
logo
Fitipower Integrated Te...
FP6787 FITIPOWER-FP6787 Datasheet
800Kb / 20P
Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
logo
Lowpower Semiconductor ...
LP6288 POWER-LP6288 Datasheet
639Kb / 24P
Multi-Channel DC-DC Converter for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com