Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6285 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6285
Description  Multi-Channel DC-DC Converter for LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6285 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6285 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP6285
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 2 of 8
LP6285–00 Version 0.1 MAR.-2017
Typical Application Circuit
VGH
15.8V
AVDD
COMP
FB
VIN
LX
FBP
DRVP
AGND
VIN
AVDD
10V
DRVN
FBN
REF
VGL
7.25V
PGND
OPP
OPO
OPI
VCOM
C1
22uF
CIN
1uF
RIN
10
Ω
RCOMP
75k
Ω
CCOMP
1nF
R2
10k
Ω
R1
75k
Ω
C2
22uF
C3
4.7uF
C4
2.2uF
C5
2.2uF
C6
1uF
R5
75k
Ω
R6
10k
Ω
C7 0.1uF
R4
13k
Ω
R3
150k
Ω
L1
10uH
C8 0.1uF
RCOM
10
Ω
Figure 1. Typical Application Circuit of LP6285
Pin Configuration
DRVN
REF
AGND
NC
VIN
FB
LX
PGND
1
2
3
EP
NC OPI OPO AVDD
FBN DRVP FBP COMP
4
5
6
7
8
9
10
12
11
13
14
15
16
Figure 2. QFN-16 Package (3mm x 3mm) Top View



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com