Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV5017 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OV5017
Description  Single chip 1/4 video image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV5017 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OV5017 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
OV5017
6
Version 1.6
October 20, 1997
Confidential Preliminary Product Specification
OMNIVISION TECHNOLOGIES, Inc.
2. Registers
Note: Unimplemented bits in all the R/W registers return “0” in the read cycle, no effect in the write cycle.
2.1 Detailed Register Descriptions
The following table describes the function of each bit within a register:
Table 2. Register Sets
A[3:0]
Register
Name
R/W
Bit Name
Function
Default
Value
10xx
VPORT
R
VD[7:0]
Video data
xxxxxxxx
0000
STATUS
R
TO2,TO1, , ,OV,
VSYNC, HREF, RDY
Status register
00xxxxxx
0001
FCTL
W
SFR, FSET, , ,
SKIP, FBLC, STOP,
SRST
Single frame flow control
system control
00xx0000
0010
EXCTL
R/W
AUTO, EX[6:0]
Auto or manual exposure
value
11111111
0011
GCTL
R/W
GN[2:0]
Gain value
xxxxx000
0100
FRCTL
R/W
FDIV[5:0]
Frame rate divider
xx000000
0101
MCTL
R/W
GAMMA, MIR, DN,
BKL, FZEX, PCKS,
PCKI, BPSHP
Miscellaneous controls
00000000
0110
HWCTL
R/W
HWS[3:0], HWE[3:0]
Window control
00000000
0111
VWCTL
R/W
VWS[3:0], VWE[3:0]
Window control
00000000
1110
TST
W
TST[7:0]
Reserved for test
xxxxxxxx
1111
TOPT
W
TOPT[7:0]
Reserved for test
xxxxxxxx
Table 3. Bit descriptions
Register
Name
Bit name
Range
Function
VPORT
VD
VD[7:0]
This register selects the video data port. The video data is not latched
in this VPORT, as long as VPORT remains selected. The video data
is updated as new pixel signals are converted.
STATUS
TO2
STA7
Reserved bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com