Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV5017 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OV5017
Description  Single chip 1/4 video image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV5017 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OV5017 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
October 20, 1997
Version 1.6
11
OV5017
Confidential Preliminary Product Specification
OMNIVISION TECHNOLOGIES, Inc.
Interface timing
tOE
Output enable access time
15
-
-
ns
tOEZ
Output enable to Z delay
15
-
-
ns
tRC
Register read cycle time
-
-
100
ns
tCS
Chip select pulse width
-
-
50
ns
tCSA
Chip select access time
30
ns
tCSX
Chip select to data invalid time
15
ns
tAA
Address access time
30
ns
tAX
Address data invalid time
15
-
ns
tWC
Register write cycle time
-
-
100
ns
tWE
Write enable pulse width
-
-
50
ns
tAS
Write cycle address set up time
-
-
0
ns
tAH
Write cycle address hold time
-
-
0
ns
tDS
Write cycle data set up time
-
-
20
ns
tDH
Write cycle data hold time
-
-
0
ns
tSYNC
External FSI cycle time
-
2
-
frame
tPD
Chip power up time
100
-
-
us
DIGIAL/Analog video parameters
AVO
Composite video level (p-p)
-
2.0
-
V
AVSYNC
sync amplitude
0.55
-
0.6
V
Ravo
Output load resistance
150
Ohm
tH
horizontal line width
458
pclk
tHSYNC
horizontal sync width
32
pclk
tHF
horizontal blank front porch
9
pclk
tHB
horizontal blank back porch
33
pclk
tHACT
active pixel in one scan line
384
pclk
Table 4. Electrical parameters (0oC < TA < 85oC, voltages referenced to GND) (Continued)
Symbol
Descriptions
Max
Type
Min
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com