Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV5017 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OV5017
Description  Single chip 1/4 video image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV5017 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OV5017 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Distributed by :COMedia Ltd, Rm802, Nan Fung tr, Castle Peak Rd, Tsuen Wan, NT, Hong Kong
Tel: (852) 2498 6248 Fax: (852)2414 3050
OmniVision Technologies, Inc. reserves the right to make changes without further notice to any product herein to improve reliability, function, or
design. OmniVision Technologies, Inc. does not assume any liability arising out of the application or use of any product or circuit described
herein; neither does it convey any license under its patent rights nor the rights of others. No part of this publication may be copied or repro-
duced, in any form without the prior written consent of OmniVision Technologies, Inc.
OV5017
Version 1.6, October 20, 1997
Features
n Single chip 1/4” video image sensor
n Progressive scan
n Built-in analog-to-digital (A/D) 8-bit pixel
resolution
n Programmable features
n Frame rate of 50 ~ 0.5 frames per second
(fps)
n Exposure setting: 1 frame ~ 1/100 frame
n Image size: 4.2 mm x 3.2 mm
n AGC (auto gain control): 0 ~ 18 dB
n Gamma correction: 0.45/1.0
n Pixel elements - 384 x 288
n Pixel dimension of 11 um x 11 um
n External frame sync capability
n Signal-to-noise (S/N) ratio > 42 dB
n Minimum illumination of 0.5 lux at f1.4 at 50
fps
n Single 5-volt supply operation for analog
and 5/3.3 volts for digital
n Power consumption
— Active: less than 100 mW at 50 fps
— Standby: less than 100
µA
n 48-pin package
Overview
The OV5017 is a black and white digital camera
chip that uses OmniVision’s CMOS image core
technology. Combining the CMOS sensor technol-
ogy and an easy to use digital interface, the
OV5017 offers a low cost solution for high-quality
video image applications.
The digital video port supplies a continuous byte-
wide image data. On-chip programmable features
include variable frame rate, exposure setting, and
image size. All the camera features are register
based, accessing the video data and configuring
the chip is as easy as read/write of a static mem-
ory.
OV5017 PIN ASSIGNMENTS
7
8
9
10
11
12
13
14
15
16
17
18
AGND
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
A3
31
32
33
34
35
36
37
38
39
40
41
42
OGND
D0
D1
D2
D3
D4
D5
D6
D7
OVDD
ZVDD
VR2
OV5017


Similar Part No. - OV5017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV5116N ETC-OV5116N Datasheet
200Kb / 5P
OV5116N SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
logo
OmniVision Technologies...
OV5620 OMNIVISION-OV5620 Datasheet
198Kb / 2P
advanced digital imaging and HD video
OV5640 OMNIVISION-OV5640 Datasheet
588Kb / 2P
OV5640 5-megapixel product brief
logo
Leopard Imaging Inc.
OV5640-AF LEOPARD-OV5640-AF Datasheet
1Mb / 11P
3D STEREO CAMERA
OV5640AF LEOPARD-OV5640AF Datasheet
1Mb / 11P
3D STEREO CAMERA
More results

Similar Description - OV5017

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX069AK SONY-ICX069AK Datasheet
233Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX087AKB SONY-ICX087AKB Datasheet
189Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX088AK SONY-ICX088AK Datasheet
261Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX089AK SONY-ICX089AK Datasheet
262Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX206AKB SONY-ICX206AKB Datasheet
193Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX207AK SONY-ICX207AK Datasheet
229Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX227AK SONY-ICX227AK Datasheet
258Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
logo
ON Semiconductor
AR0141CS ONSEMI-AR0141CS Datasheet
2Mb / 64P
1/4-Inch Digital Image Sensor
Rev. 6, 4/16 EN
AR0141CS ONSEMI-AR0141CS_17 Datasheet
733Kb / 48P
1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
logo
Sony Corporation
ISX016 SONY-ISX016 Datasheet
283Kb / 2P
1/4-type 1.26megapixels CMOS image sensor System-on-Chip
Version 1.0a , Feb.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com