Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7410 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OV7410
Description  SINGLE-CHIP CMOS COLOR PAL CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7410 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OV7410 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
OV7910P/OV7410P/OV7411P
2
Version 1.4
December 7, 1999
SINGLE IC CMOS COLOR & B/W PAL ANALOG CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Preliminary
Table 1. Pin Description
(Pins designated with “*” are “no connect” in OV7410P/OV7411P sensor.)
Pin No.
Name
Pin Type
Function/Description
01
SGND
Vin
Analog ground
02
SVDD
Vin
Analog power (+5VDC)
03
VcBRT
1.2V
Image brightness adjustment. Default set by internal resistor (~50K). Default may be changed
by applying external bias to this pin.
04
BPAVE
Function
(Default = 0)
Internal 3-point average selection
“0” - Use internal 3-point averaging
“1” - Bypass internal 3-point averaging
05
Rsvd5
Vref
Internal reference
06
AGND
Vin
Analog ground
07
AVDD
Vin
Analog power (+5VDC)
08
RGSW
Function
(Default = 0)
“Raw” data pixel selection
“0” - select non- “raw” pixel data
“1” - select “raw” pixel data
09
CEXP
Function
(Default = 0)
Central exposure selection
“0” - select normal mode
“1” - select central exposure mode
10
*
HSAT
Function
(Default = 0)
(N/C on OV7410P/
OV7411P)
Color Saturation selection
“0” - select normal color saturation
“1” - select increase color saturation by 25%
Note: This function is not available on OV7410P/OV7411P Image Sensor. This pin is “no con-
nect”.
11
*
Rsvd11
N/C
Pin reserved
12
*
SMTawb
Function
(Default = 0)
(N/C on OV7410P/
OV7411P)
Automatic White Balance (AWB) Smart mode selection
“0” - Disable smart mode
“1” - Enable smart mode. Count pixels which contain a luminance signal between 10-80% of
max. value.
Note: This function is not available on OV7410P/OV7411P Image Sensor. This pin is “no con-
nect”.
13
*
EVDD
Vin
(N/C on OV7410P/
OV7411P)
Analog power (+5VDC)
Note: This function is not available on OV7410P/OV7411P Image Sensor. This pin is “no con-
nect”.
14
*
EGND
Vin
(N/C on OV7410P/
OV7411P)
Analog ground
Note: This function is not available on OV7410P/OV7411P Image Sensor. This pin is “no con-
nect”.
15
BUCO
Output
Video Output: Output format determined by pins 38 and 39 (AMOD1, AMOD0)
AMOD1
AMOD0
Output Component
Format
0
0
S-Video CO channel
Composite
0
1
Blue component
RGB
1
0
Cb component
YUV or B/W
1
1
Blue component
RGB
Note: Modes (AMOD1, AMOD0) = 00, 01, 11 are not available for OV7410P Image Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com