Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7410 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OV7410
Description  SINGLE-CHIP CMOS COLOR PAL CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7410 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OV7410 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
December 7, 1999
Version 1.4
5
OV7910P/OV7410P/OV7411P
SINGLE IC CMOS COLOR & B/W PAL ANALOG CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Preliminary
1.1
Video Standards
Two TV standards are implemented and available as
output in the OV7910P/OV7410P/OV7411P imaging
devices: PAL (B). Table 2 below shows how to config-
ure the standard of choice. Please note
that the accuracy and stability of the crystal clock fre-
quency is important to avoid unwanted color shift in TV/
video systems.
1.2
Video Formats
The
OV7910P/OV7410P/OV7411P
image
sensors
support a variety of formats including Composite
(CVBS), S-Video (YO/CO), RGB components, YUV
components, and B/W. Composite and S-Video signals
are generated from the internal TV encoder and the
RGB/YUV/BW outputs are generated from the color
matrix prior to entering the encoder.
The image sensor utilizes the RG/BG Bayer pattern
sending raw pixel data through the color matrix, creat-
ing RGB or YUV component signals. At the same time,
YUV signals are also processed to generate both com-
posite and S-Video signals. (Note: Color format config-
uration is valid only for the OV7910P image sensor)
1.2.1
Composite and S-Video
The Composite/S-Video format is the power-up default
Table 2. Standard Configuration
Standard
PAL
(pin 24)
Clock
Comments
PAL
1
17.734475 MHz
clock in = 4 x Fsc
configuration for the OV7910P/OV7410P/OV7411P
image sensors. Pins AMOD0/AMOD1 (pins 38 and 39)
select composite and S-Video formats. In this configu-
ration, RVCVO (pin 17) outputs CVBS, GYYO (pin 16)
outputs
the YO component of the S-Video signal, and BUCO
(pin 15) outputs the CO component. Table 3 below
summarizes the formats available and the settings
required on the appropriate pins.
1.2.2
RGB
Setting AMOD0 = 1 (w/AMOD1 = x) selects the RGB
format. In this configuration, RVCVO outputs the
Red component, GYYO outputs the Green component,
and BUCO provides the Blue component.
1.2.3
YUV
Setting AMOD0=0 and AMOD1=1 configures the
OV7910P/OV7410P/OV7411P sensors to operate in
YUV or B/W mode. In this configuration, GYYO outputs
the Y component, RVCVO provides the Cr component,
and BUCO outputs the Cb component. On the
OV7410P image sensor, only the GYYO (Y compo-
nent) output is valid.
1.
Functional Description
(Note: All references to color functions apply only to OV7910P image sensor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com