Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7410 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OV7410
Description  SINGLE-CHIP CMOS COLOR PAL CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7410 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OV7410 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
December 7, 1999
Version 1.4
3
OV7910P/OV7410P/OV7411P
SINGLE IC CMOS COLOR & B/W PAL ANALOG CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Preliminary
16
GYYO
Output
Video Output: Output format determined by pins 38 and 39 (AMOD1, AMOD0)
AMOD1
AMOD0
Output Component
Format
0
0
S-Video YO channel
Composite
0
1
Green component
RGB
1
0
Y component
YUV or B/W
1
1
Green component
RGB
Note: Modes (AMOD1, AMOD0) = 00, 01, 11 are not available for OV7410P Image Sensor
17
RVCVO
Output
Video Output: Output format determined by pins 38 and 39 (AMOD1, AMOD0)
AMOD1
AMOD0
Output Component
Format
0
0
CVBS signal
Composite
0
1
Red component
RGB
1
0
Cr component
YUV or B/W
1
1
Red component
RGB
Note: Modes (AMOD1, AMOD0) = 00, 01, 11 are not available for OV7410P Image Sensor
18
OVDD
Vin
Analog power for video output (+5VDC)
19
G2X
Function
(Default = 0)
Automatic Gain Control (AGC) gain selection. Affects range selected by HGAIN (p20). See
HGAIN below.
“0” - select normal AGC gain (1X)
“1” - select enhanced AGC gain (2X)
20
HGAIN
Function
(Default = 0)
Automatic Gain Control (AGC) gain range selection
“0” - select normal AGC range (1X <-> 4X)
“1” - select expanded AGC range (1X -> 8X)
HGAIN
G2X
AGC Range
0
0
1X <-> 4X
0
1
2X <-> 8X
1
0
1X <-> 8X
1
1
2X <-> 16X
21
BKLT
Function
(Default = 0)
Backlight selection
“0” - Disable backlight compensation
“1” - Enable backlight compensation
22
XCLK1
CLK
Crystal clock input. Frequency is 4 x Fsc to meet PAL subcarrier standards
23
XCLK2
CLK
Crystal clock output (4 x Fsc for PAL = 17.73265 MHz)
24
PAL
Function
(Default = 1)
25
DVDD
Vin
Digital power
26
DGND
Vin
Digital ground
27
GAMMA
Function
(Default = 1)
GAMMA selection
“0” - Disable GAMMA correction
“1” - Enable GAMMA correction
28
AGCEN
Function
(Default = 1)
Automatic Gain Control (AGC) selection
“0” - Disable AGC
“1” - Enable AGC
29
*
AWBEN
Function
(Default = 1)
(N/C on OV7410P/
OV7411P)
Automatic White Balance selection
“0” - Disable AWB
“1” - Enable AWB
Note: This function is not available on OV7410P/OV7411P Image Sensor. This pin is “no con-
nect”.
Table 1. Pin Description
(Pins designated with “*” are “no connect” in OV7410P/OV7411P sensor.)
Pin No.
Name
Pin Type
Function/Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com