Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002AI Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB1002AI
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002AI Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1002AI Datasheet HTML 17Page - Texas Instruments TUSB1002AI Datasheet HTML 18Page - Texas Instruments TUSB1002AI Datasheet HTML 19Page - Texas Instruments TUSB1002AI Datasheet HTML 20Page - Texas Instruments TUSB1002AI Datasheet HTML 21Page - Texas Instruments TUSB1002AI Datasheet HTML 22Page - Texas Instruments TUSB1002AI Datasheet HTML 23Page - Texas Instruments TUSB1002AI Datasheet HTML 24Page - Texas Instruments TUSB1002AI Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
TUSB1002A
www.ti.com
SLLSF63 – MARCH 2018
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
emphasis pre-compensates for the loss of the output channel. With 3 dB of de-emphasis, the total equalization
required by the TUSB1002A is in the 5.2 dB (8.2 dB - 3 dB) range. The channel A-B for this example is
connected to TUSB1002A's RX1P/N input and therefore CH1_EQ[2:1] pins are used for adjusting TUSB1002A
RX1P/N equalization settings. The CH1_EQ[2:1] pins should be set such that TUSB1002A equalization is
between 5dB and 8dB.
The channel C-D has a trace length of 2 inches with a 4mil trace width. Assuming 0.83 dB per inch of insertion
loss, the 2 inch trace will equate to about 1.66 dB of loss at 5 GHz. An additional 2dB of loss needs to be added
due to package, A/C coupling capacitor, and the USB 3.1 receptacle. The total loss is around 3.66 dB. Because
channel C-D includes a USB 3.1 receptacle, the actual total loss could be much greater than 3.66dB due to the
fact that devices plugged into the receptacle will also have loss. The device plugged into receptacle will have
either a short or long channel. USB3.2 standard defines total loss limit of 23dB that is distributed as 8.5 dB for
Host, 8.5dB for device, and 6.0dB for cable. With variable channel of devices plugged into the USB3.2
receptacle, configuring TUSB1002A's RX2P/N equalization settings is not as straight forward as Channel A-B.
Engineer can not set TUSB1002A CH2_EQ[2:1] pins to the largest equalization setting to accommodate the
largest allowed USB3.2 device/cable loss of 14.5 dB. Doing so will result in TUSB1002A operating outside its
linear range when a device with short channel is plugged into the receptacle. For this reason, it is recommended
to configure TUSB1002A CH2_EQ[2:1] pins to equalize a shorter device channel. This will result in requiring
USB3.2 host to compensate for remaining channel loss for the worse case USB3.2 channel of 14.5 dB. The
definition of a short device channel is not specified in USB 3.1 specification. Therefore, an engineer must make
their own loss estimate of what constitutes a short device channel. For particular example, we will assume the
short channel is around 2 to 3 dB. The device's channel loss will need to be added to estimated Channel C-D
loss minus the typical 3db of de-emphasis. This means CH2_EQ[2:1] pins should be configured to handle a loss
of 3 to 5 db.
8.2.3 Application Curves
Freq = 5 GHz
dB(SDD21) = –6.666
Figure 19. Insertion Loss for 8inch 4 mil FR4 Trace



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com