Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002AI Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB1002AI
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002AI Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB1002AI Datasheet HTML 9Page - Texas Instruments TUSB1002AI Datasheet HTML 10Page - Texas Instruments TUSB1002AI Datasheet HTML 11Page - Texas Instruments TUSB1002AI Datasheet HTML 12Page - Texas Instruments TUSB1002AI Datasheet HTML 13Page - Texas Instruments TUSB1002AI Datasheet HTML 14Page - Texas Instruments TUSB1002AI Datasheet HTML 15Page - Texas Instruments TUSB1002AI Datasheet HTML 16Page - Texas Instruments TUSB1002AI Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
VID (V)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
200
400
600
800
1000
1200
1400
D015
DC0_EQ1_900mV
DC0_EQ1_1000mV
DC0_EQ1_1200mV
13
TUSB1002A
www.ti.com
SLLSF63 – MARCH 2018
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
VCC = 3.3V , 25°C, 200 mVpp VID sine wave, ZO = 100 Ω, RGE package
Figure 15. 100-MHz Sine Wave VID vs VOD Linearity Range Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com