Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002AI Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB1002AI
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002AI Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1002AI Datasheet HTML 7Page - Texas Instruments TUSB1002AI Datasheet HTML 8Page - Texas Instruments TUSB1002AI Datasheet HTML 9Page - Texas Instruments TUSB1002AI Datasheet HTML 10Page - Texas Instruments TUSB1002AI Datasheet HTML 11Page - Texas Instruments TUSB1002AI Datasheet HTML 12Page - Texas Instruments TUSB1002AI Datasheet HTML 13Page - Texas Instruments TUSB1002AI Datasheet HTML 14Page - Texas Instruments TUSB1002AI Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Frequency (GHz)
0.01
0.1
1
10
20
20
-5
0
5
10
15
20
D007
EQ2_DC0_1000 mV
EQ4_DC0_1000 mV
EQ6_DC0_1000 mV
EQ8_DC0_1000 mV
EQ10_DC0_1000 mV
EQ12_DC0_1000 mV
EQ14_DC0_1000 mV
EQ16_DC0_1000 mV
Frequency (GHz)
-5
-3
-1
1
3
5
7
0.01
0.1
1
10
D008
EQ1_DC0_1000 mV
EQ1_DC1_1000 mV
EQ1_DC2_1000 mV
EQ1_DC-1_1000 mV
Frequency (GHz)
-5
-3
-1
1
3
5
7
0.01
0.1
1
10
D005
EQ1_DC-1_1200 mV
EQ1_DC2_1200 mV
EQ1_DC0_1200 mV
EQ1_DC1_1200 mV
Frequency (GHz)
0.01
0.1
1
10
20
20
-5
0
5
10
15
20
D006
EQ1_DC0_1000 mV
EQ3_DC0_1000 mV
EQ5_DC0_1000 mV
EQ7_DC0_1000 mV
EQ9_DC0_1000 mV
EQ11_DC0_1000 mV
EQ13_DC0_1000 mV
EQ15_DC0_1000 mV
Frequency (GHz)
0.01
0.1
1
10
20
20
-5
0
5
10
15
20
D003
EQ1_DC0_1200 mV
EQ3_DC0_1200 mV
EQ5_DC0_1200 mV
EQ7_DC0_1200 mV
EQ9_DC0_1200 mV
EQ11_DC0_1200 mV
EQ13_DC0_1200 mV
EQ15_DC0_1200 mV
Frequency (GHz)
0.01
0.1
1
10
20
20
-5
0
5
10
15
20
D004
EQ2_DC0_1200 mV
EQ4_DC0_1200 mV
EQ6_DC0_1200 mV
EQ8_DC0_1200 mV
EQ10_DC0_1200 mV
EQ12_DC0_1200 mV
EQ14_DC0_1200 mV
EQ16_DC0_1200 mV
11
TUSB1002A
www.ti.com
SLLSF63 – MARCH 2018
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.8 Typical Characteristics
VCC = 3.3V , 25°C, 200 mVpp VID sine wave, ZO = 100 Ω, RGE package
Figure 3. 1200 mV DC0 Gain Odd EQ Settings Curves
Figure 4. 1200 mV DC0 Even EQ Settings Curves
Figure 5. 1200 mV DC Gain Adjustments Curves
Figure 6. 1000 mV DC0 Gain Odd EQ Settings Curves
Figure 7. 1000 mV DC0 Gain Even EQ Settings Curves
Figure 8. 1000 mV DC Gain Adjustments Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com