Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6493 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6493
Description  30V 3.5A Synchronous Buck Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6493 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6493 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6493 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6493 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6493 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6493 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6493 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP6493-02
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 6
Preliminary Datasheet
LP6493
30V 3.5A Synchronous Buck Converter
General Description
The LP6493 is a synchronous step down regulator
with CC control from a high voltage input supply.
Operating with an input voltage 8V~30V, the LP6493
achieves 3.5A continuous output current with excellent
load and line regulation. Current mode operation
provides fast transient response and eases loop
stabilization.
The LP6493 requires a minimum number of readily
available standard external components. Other
features include cable compensation, programmable
current limit and thermal shutdown.
The LP6493 converters are available in the industry
standard SOP8 packages.
Order Information
LP6493 □ □ □ □
F: Pb-Free
Package Type
SO: SOP8
Current Sense Voltage
A: VCS=53mV
B: VCS=65mV
Applications
Car Charger / Adaptor
Pre-Regulator for Linear Regulators
Distributed Power Systems
Battery Charger
Features
Wide 8V to 30V Continuous Operating Input
Range
58mΩ/45mΩ Low RDS(ON) Internal Power
MOSFET
Up to 93% Efficiency
Default 180kHz Switching Frequency
Internal Soft Start
Output Line Drop Compensation
Over-Current Protection (OCP) programmable
with External Resistor
No Loop Compensation Required
Thermal Shutdown
Available in SOP8 Package
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP6493A
LPS
LP6493
XXX
SOP8
2.5K/REEL
LP6493B
Marking indication:
Y:Production year W:Production week X:Production batch
LP6493
VIN
GND
FB
SW
CS
100uF
470uF
1uF
10uF
Option
47uH
180K
24K
Vin
Vout+
Vout-
Rup
Rdn
18mR
Rsen


Similar Part No. - LP6493

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP64933 POWER-LP64933 Datasheet
634Kb / 7P
36V/3.6A
More results

Similar Description - LP6493

ManufacturerPart #DatasheetDescription
logo
Rohm
RSQ035P03 ROHM-RSQ035P03 Datasheet
94Kb / 5P
DC-DC Converter (-30V, -3.5A)
logo
SHANGHAI BELLING CO., L...
BL9382 BELLING-BL9382 Datasheet
940Kb / 7P
18V (30V spike) 2A Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE724 ACE-ACE724 Datasheet
732Kb / 10P
18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
VER 1.3
logo
Analog Microelectronics
AME5235 AME-AME5235 Datasheet
794Kb / 15P
40V 3.5A Buck Converter
logo
ACE Technology Co., LTD...
ACE752D ACE-ACE752D Datasheet
332Kb / 9P
120KHz 3.5A Buck DC-DC Converter
VER 1.1
logo
Lowpower Semiconductor ...
LP6490 POWER-LP6490 Datasheet
364Kb / 6P
30V 2.4A Synchronous Buck Converter
LP6492 POWER-LP6492 Datasheet
381Kb / 7P
30V 2.4A Synchronous Buck Converter
logo
Diodes Incorporated
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
logo
Major-Power Technology ...
MA5624 MPOWER-MA5624 Datasheet
167Kb / 2P
30V Synchronous Buck Converter with 2ch CC/CV
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com