Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28056S Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28056S
Description  1.2A Single-chip Li-ion and Li-POL Charge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28056S Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28056S Datasheet HTML 1Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 2Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 3Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 4Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 5Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 6Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 7Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP28056S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Preliminary Datasheet
LP28056S
Typical Application Circuit
Functional Pin Description
Package Type
Pin Configurations
ESOP-8
4
3
2
1
5
6
7
8
STAT2
VIN
NC
VSS
BAT
STAT1
EN
ISET
GND
9
Pin Description
Pin
Name
Description
1
NC
No Connector.
2
ISET
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is
programmed by connecting a 1% resistor(R
PROG)to ground. When charging in constant-current
mode, this pin servos to 2V. In all modes, the voltage on this pin can be used to measure the
charge current using the following formula: ISET=1000/RPROG
3
VSS
VSS is the connection to system ground.
4
VIN
VIN is the input power source. Connect to a wall adapter.
5
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for stability
when there is no battery attached. When a battery is attached, only a 0.1µF ceramic capacitor is
required.
6
STAT2
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled High by
an internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled Low.
7
STAT1
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by
an internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled High.
8
EN
Chip enable pin. Charging when the pin is floating or connected to a high voltage. Discharge
when the pin pull low.
1K
BATTERY
VIN
10uF
10uF
RISET
STAT1
7
VSS
3
STAT2
6
ISET
2
VIN
4
BAT
5
PGND
9
LP28056SSPF
EN
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com