Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28056S Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28056S
Description  1.2A Single-chip Li-ion and Li-POL Charge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28056S Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28056S Datasheet HTML 1Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 2Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 3Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 4Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 5Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 6Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 7Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP28056S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
Preliminary Datasheet
LP28056S
1.2A Single-chip Li-ion and Li-POL Charge
General Description
The LP28056S is a complete constant-current /
constant-voltage linear charger for single cell
lithium-ion batteries. Its ESOP-8 package and low
external component count make the LP28056S ideally
suited for portable applications. No external sense
resistor is needed, and no blocking diode is required
due to the internal MOSFET architecture. Thermal
feedback regulates the charge current to limit the die
temperature during high power operation or high
ambient temperature. The charge voltage is fixed at
4.2V, and the charge current can be ISET rammed
externally with a single resistor. The LP28056S
automatically terminates the charge cycle when the
charge current drops to 1/10th the RISET rammed value
after the final float voltage is reached. When the input
supply is removed, the LP28056S automatically enters
a low current state, dropping the battery drain current
to less than 1µA. The LP28056S can be put into
shutdown mode, reducing the supply current to 1µA.
Other features include charge current monitor, under
voltage lockout, automatic recharge and a status pin to
indicate charge termination and the presence of an
input voltage.
Order Information
LP28056S □ □ □
F: Pb-Free
Package Type
SP: ESOP-8
Features
Programmable Charge Current Up to 1200mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
4.2V Charge Voltage with ± 1% Accuracy
1µA Supply Current in Shutdown
Short-circuit protection
Consumption Available in ESOP-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Marking Information
Device
Marking
Package
Shipping
LP28056SSPF LPS
LP28056S
YWX
ESOP-8
2.5K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch.


Similar Part No. - LP28056S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
More results

Similar Description - LP28056S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24083 TI-BQ24083 Datasheet
1Mb / 23P
1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
1A Single-chip Li-ion and Li-POL Charge with OVP
LP28292 POWER-LP28292 Datasheet
363Kb / 10P
1.5A Single-chip Li-ion and Li-POL Charge with OVP
logo
Texas Instruments
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
Li-Ion and Li-Pol Automotive Charger
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
1A Single-chip Li-ion and Li-POL Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com