Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28056S Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28056S
Description  1.2A Single-chip Li-ion and Li-POL Charge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28056S Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28056S Datasheet HTML 1Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 2Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 3Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 4Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 5Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 6Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 7Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LP28056S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 8
Preliminary Datasheet
LP28056S
Function Block Diagram
1
8
6
7
2
3
5
4
TA
145℃
TDIE
TTEMP
TTEMP
SCHMITT
NC
45%VIN
EN
CA
MA
VA
C1
C2
C3
REF
1.22V
STAT1
STAT2
SHDN
TO BAT
2.9V
VCC
3μA
R3
1V
R4
0.1V
R5
ISET
VSS
R2
R1
BAT
VIN
5μA
1200X
1X
+
+
+
+
+
+
-
-
-
-
-
-
Absolute Maximum Ratings
Note 1
Input to GND ----------------------------------------------------------------------------------------------------- -0.3V to 7V
Other Pin to GND (VISET,VBAT,VSTAT1,VSTAT2) --------------------------------------------------------- -0.3V to 6.5V
BAT Pin Current ---------------------------------------------------------------------------------------------------- 1500mA
BAT Short-circuit Duration ----------------------------------------------------------------------------------- Continuous
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150℃
Storage Temperature ------------------------------------------------------------------------------------- -45℃ to 165℃
Operating Ambient Temperature Range ------------------------------------------------------------- -20℃ to 85℃
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260℃
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation ( PD,TA=25℃) ----------------------------------------------------------------------- 2W
Thermal Resistance (θJA) ------------------------------------------------------------------------------------------ 50℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com