Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F818-E/ML Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16F818-E/ML
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/ML Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16F818-E/ML Datasheet HTML 29Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 30Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 31Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 32Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 33Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 34Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 35Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 36Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 31
PIC16F818/819
An example of the complete four-word write sequence
is shown in Example 3-5. The initial address is loaded
into the EEADRH:EEADR register pair; the four words
of data are loaded using indirect addressing, assuming
that a row erase sequence has already been
performed.
EXAMPLE 3-5:
WRITING TO FLASH PROGRAM MEMORY
; This write routine assumes the following:
; 1. The 32 words in the erase block have already been erased.
; 2. A valid starting address (the least significant bits = '00') is loaded into EEADRH:EEADR
; 3. This example is starting at 0x100, this is an application dependent setting.
; 4. The 8 bytes (4 words) of data are loaded, starting at an address in RAM called ARRAY.
; 5. This is an example only, location of data to program is application dependent.
; 6. word_block is located in data memory.
BANKSEL
EECON1
;prepare for WRITE procedure
BSF
EECON1, EEPGD
;point to program memory
BSF
EECON1, WREN
;allow write cycles
BCF
EECON1, FREE
;perform write only
BANKSEL
word_block
MOVLW
.4
MOVWF
word_block
;prepare for 4 words to be written
BANKSEL
EEADRH
;Start writing at 0x100
MOVLW
0x01
MOVWF
EEADRH
;load HIGH address
MOVLW
0x00
MOVWF
EEADR
;load LOW address
BANKSEL
ARRAY
MOVLW
ARRAY
;initialize FSR to start of data
MOVWF
FSR
LOOP
BANKSEL
EEDATA
MOVF
INDF, W
;indirectly load EEDATA
MOVWF
EEDATA
INCF
FSR, F
;increment data pointer
MOVF
INDF, W
;indirectly load EEDATH
MOVWF
EEDATH
INCF
FSR, F
;increment data pointer
BANKSEL
EECON1
MOVLW
0x55
;required sequence
MOVWF
EECON2
MOVLW
0xAA
MOVWF
EECON2
BSF
EECON1, WR
;set WR bit to begin write
NOP
;instructions here are ignored as processor
NOP
BANKSEL
EEADR
INCF
EEADR, f
;load next word address
BANKSEL
word_block
DECFSZ
word_block, f
;have 4 words been written?
GOTO
loop
;NO, continue with writing
BANKSEL
EECON1
BCF
EECON1, WREN
;YES, 4 words complete, disable writes
BSF
INTCON, GIE
;enable interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com