Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F818-E/ML Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F818-E/ML
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/ML Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F818-E/ML Datasheet HTML 13Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 14Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 15Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 16Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 17Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 18Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 19Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 20Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 15
PIC16F818/819
Bank 2
100h(1)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
23
101h
TMR0
Timer0 Module Register
xxxx xxxx
53
102h(1
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
23
103h(1)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
16
104h(1)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
23
105h
—
Unimplemented
—
—
106h
PORTB
PORTB Data Latch when written; PORTB pins when read
xxxx xxxx
43
107h
—
Unimplemented
—
—
108h
—
Unimplemented
—
—
109h
—
Unimplemented
—
—
10Ah(1,2) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
23
10Bh(1)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
18
10Ch
EEDATA
EEPROM/Flash Data Register Low Byte
xxxx xxxx
25
10Dh
EEADR
EEPROM/Flash Address Register Low Byte
xxxx xxxx
25
10Eh
EEDATH
—
—
EEPROM/Flash Data Register High Byte
--xx xxxx
25
10Fh
EEADRH
—
—
—
—
—
EEPROM/Flash Address Register
High Byte
---- -xxx
25
Bank 3
180h(1)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
23
181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
17, 54
182h(1)
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
23
183h(1)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
16
184h(1)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
23
185h
—
Unimplemented
—
—
186h
TRISB
PORTB Data Direction Register
1111 1111
43
187h
—
Unimplemented
—
—
188h
—
Unimplemented
—
—
189h
—
Unimplemented
—
—
18Ah(1,2) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
23
18Bh(1)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
18
18Ch
EECON1
EEPGD
—
—
FREE
WRERR
WREN
WR
RD
x--x x000
26
18Dh
EECON2
EEPROM Control Register 2 (not a physical register)
---- ----
25
18Eh
—
Reserved; maintain clear
0000 0000
—
18Fh
—
Reserved; maintain clear
0000 0000
—
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
These registers can be addressed from any bank.
2:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose contents are
transferred to the upper byte of the program counter.
3:
Pin 5 is an input only; the state of the TRISA5 bit has no effect and will always read ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com