Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F818-E/ML Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16F818-E/ML
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/ML Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16F818-E/ML Datasheet HTML 88Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 89Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 90Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 91Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 92Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 93Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 94Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 95Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 176 page
background image
PIC16F818/819
DS39598E-page 90
 2004 Microchip Technology Inc.
REGISTER 12-1:
CONFIGURATION WORD (ADDRESS 2007h)(1)
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1 R/P-1 R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
CP
CCPMX DEBUG WRT1 WRT0 CPD
LVP BOREN MCLRE FOSC2 PWRTEN WDTEN FOSC1 FOSC0
bit 13
bit 0
bit 13
CP: Flash Program Memory Code Protection bit
1
= Code protection off
0
= All memory locations code-protected
bit 12
CCPMX: CCP1 Pin Selection bit
1
= CCP1 function on RB2
0
= CCP1 function on RB3
bit 11
DEBUG: In-Circuit Debugger Mode bit
1
= In-Circuit Debugger disabled, RB6 and RB7 are general purpose I/O pins
0
= In-Circuit Debugger enabled, RB6 and RB7 are dedicated to the debugger
bit 10-9
WRT1:WRT0: Flash Program Memory Write Enable bits
For PIC16F818:
11
= Write protection off
10
= 000h to 01FF write-protected, 0200 to 03FF may be modified by EECON control
01
= 000h to 03FF write-protected
For PIC16F819:
11
= Write protection off
10
= 0000h to 01FFh write-protected, 0200h to 07FFh may be modified by EECON control
01
= 0000h to 03FFh write-protected, 0400h to 07FFh may be modified by EECON control
00
= 0000h to 05FFh write-protected, 0600h to 07FFh may be modified by EECON control
bit 8
CPD: Data EE Memory Code Protection bit
1
= Code protection off
0
= Data EE memory locations code-protected
bit 7
LVP: Low-Voltage Programming Enable bit
1
= RB3/PGM pin has PGM function, Low-Voltage Programming enabled
0
= RB3/PGM pin has digital I/O function, HV on MCLR must be used for programming
bit 6
BOREN: Brown-out Reset Enable bit
1
= BOR enabled
0
= BOR disabled
bit 5
MCLRE: RA5/MCLR/VPP Pin Function Select bit
1
= RA5/MCLR/VPP pin function is MCLR
0
= RA5/MCLR/VPP pin function is digital I/O, MCLR internally tied to VDD
bit 3
PWRTEN: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
bit 2
WDTEN: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 4, 1-0
FOSC2:FOSC0: Oscillator Selection bits
111
= EXTRC oscillator; CLKO function on RA6/OSC2/CLKO pin
110
= EXTRC oscillator; port I/O function on RA6/OSC2/CLKO pin
101
= INTRC oscillator; CLKO function on RA6/OSC2/CLKO pin and port I/O function on
RA7/OSC1/CLKI pin
100
= INTRC oscillator; port I/O function on both RA6/OSC2/CLKO pin and RA7/OSC1/CLKI pin
011
= EXTCLK; port I/O function on RA6/OSC2/CLKO pin
010
= HS oscillator
001
= XT oscillator
000
= LP oscillator
Note 1: The erased (unprogrammed) value of the Configuration Word is 3FFFh.
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘1’
-n = Value when device is unprogrammed
u = Unchanged from programmed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com