Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F818-E/ML Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC16F818-E/ML
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/ML Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC16F818-E/ML Datasheet HTML 125Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 126Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 127Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 128Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 129Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 130Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 131Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 132Page - Microchip Technology PIC16F818-E/ML Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 127
PIC16F818/819
15.3
DC Characteristics: Internal RC Accuracy
PIC16F818/819, PIC16F818/819 TSL (Industrial, Extended)
PIC16LF818/819, PIC16LF818/819 TSL (Industrial)
PIC16LF818/819(3)
PIC16LF818/819 TSL(3)
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC16F818/819(3)
PIC16F818/819 TSL(3)
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Min
Typ
Max
Units
Conditions
INTOSC Accuracy @ Freq = 8 MHz, 4 MHz, 2 MHz, 1 MHz, 500 kHz, 250 kHz, 125 kHz(1)
PIC16LF818/819
-5
±1
5
%
+25°C
VDD = 2.7-3.3V
-25
—
25
%
-10°C to +85°C
-30
—
30
%
-40°C to +85°C
PIC16F818/819(4)
-5
±1
5
%
+25°C
VDD = 4.5-5.5V
-25
—
25
%
-10°C to +85°C
-30
—
30
%
-40°C to +85°C
-35
—
35
%
-40°C to +125°C
PIC16LF818/819 TSL
-2
±1
2
%
+25°C
VDD = 2.7-3.3V
-5
—
5
%
-10°C to +85°C
-10
—
10
%
-40°C to +85°C
PIC16F818/819 TSL(5)
-2
±1
2
%
+25°C
VDD = 4.5-5.5V
-5
—
5
%
-10°C to +85°C
-10
—
10
%
-40°C to +85°C
-15
—
15
%
-40°C to +125°C
INTRC Accuracy @ Freq = 31 kHz(2)
PIC16LF818/819
26.562
—
35.938
kHz
-40°C to +85°C
VDD = 2.7-3.3V
PIC16F818/819(4)
26.562
—
35.938
kHz
-40°C to +85°C
VDD = 4.5-5.5V
PIC16LF818/819 TSL
26.562
—
35.938
kHz
-40°C to +85°C
VDD = 2.7-3.3V
PIC16F818/819 TSL(5)
26.562
—
35.938
kHz
-40°C to +85°C
VDD = 4.5-5.5V
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
Frequency calibrated at 25°C. OSCTUNE register can be used to compensate for temperature drift.
2:
INTRC frequency after calibration.
3:
The only specification difference between a non-TSL device and a TSL device is the internal RC oscillator specifications
listed above. All other specifications are maintained.
4:
Example part number for the specifications listed above: PIC16F818-I/SS (PIC16F818 device, Industrial temperature,
SSOP package).
5:
Example part number for the specifications listed above: PIC16F818-I/SSTSL (PIC16F818 device, Industrial
temperature, SSOP package).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com