Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1485 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1485
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1485 Datasheet HTML 3Page - Semtech Corporation SC1485 Datasheet HTML 4Page - Semtech Corporation SC1485 Datasheet HTML 5Page - Semtech Corporation SC1485 Datasheet HTML 6Page - Semtech Corporation SC1485 Datasheet HTML 7Page - Semtech Corporation SC1485 Datasheet HTML 8Page - Semtech Corporation SC1485 Datasheet HTML 9Page - Semtech Corporation SC1485 Datasheet HTML 10Page - Semtech Corporation SC1485 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
 2004 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
21
20
19
POR/SS
OT
REF
+
-
FAULT
MONITOR
HI
LO
VDDP
VBAT
FB2
PWM
TON
VOUT2
CONTROL
LOGIC
TOFF
ISENSE
+5V
OC
ZEROI
ON
OFF
PWM
OV
UV
1.5V
X3
VBAT
VCCA
8
EN/PSV2
9
10
11
VOUT2
TON2
VOUT2
VCCA2
12
FBK2
FB2
13
PGOOD2
14
AGND2
18
17
16
15
PGND2
DL2
VDDP2
ILIM2
LX2
DH2
BST2
REF+10%
REF- 10%
REF- 30%
+5V
7
6
5
HI
VDDP
VBAT
FB1
VOUT1
+5V
OC
ZEROI
OV
UV
+5V
VBAT
VCCA
22
EN/PSV1
23
24
25
VOUT1
TON1
VCCA1
26
FBK1
27
PGOOD1
28
AGND1
4
3
2
1
PGND1
DL1
VDDP1
ILIM1
LX1
DH1
BST1
REF+10%
REF- 10%
REF- 30%
ILIMIT
LO
CONTROL
LOGIC
REF
OT
POR/SS
TON
TOFF
X3
FAULT
MONITOR
PWM
ON
OFF
PWM
1.5V
FB1
VCCA2
VCCA1
VOUT1
FIGURE 1
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com