Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1485 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1485
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1485 Datasheet HTML 1Page - Semtech Corporation SC1485 Datasheet HTML 2Page - Semtech Corporation SC1485 Datasheet HTML 3Page - Semtech Corporation SC1485 Datasheet HTML 4Page - Semtech Corporation SC1485 Datasheet HTML 5Page - Semtech Corporation SC1485 Datasheet HTML 6Page - Semtech Corporation SC1485 Datasheet HTML 7Page - Semtech Corporation SC1485 Datasheet HTML 8Page - Semtech Corporation SC1485 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
www.semtech.com
SC1485
Dual Synchronous Buck Pseudo Fixed
Frequency Power Supply Controller
POWER MANAGEMENT
Revision: October 14, 2004
Description
Features
Applications
Typical Application Circuit
The SC1485 is a dual output constant on synchronous-
buck PWM controller intended for use in notebook
computers and other battery operated portable devices.
Features include high efficiency and a fast dynamic
response with no minimum on time. The excellent
transient response, means that SC1485 based solutions
will require less output capacitance than competing fixed
frequency converters.
The frequency is constant until a step in load or line voltage
occurs at which time the pulse density and frequency will
increase or decrease to counter the change in output or
input voltage. After the transient event, the controller
frequency will return to steady state operation. At light
loads, Power-Save Mode enables the SC1485 to skip
PWM pulses for better efficiency.
Each output voltage can be independently adjusted from
0.5V to VCCA. Two frequency setting resistors set the
on-time for each buck controller. The frequency can thus
be tailored to minimize crosstalk. The integrated gate
drivers feature adaptive shoot-through protection and
soft switching. Additional features include cycle-by-cycle
current limit, digital soft-start, over-voltage and under-
voltage protection, and a PGOOD output for each
controller.
Notebook computers
CPU I/O supplies
Handheld terminals and PDAs
LCD monitors
Network power supplies
Constant on-time for fast dynamic response
Programmable VOUT range = 0.5 – VCCA
VIN Range = 1.8V – 25V
DC current sense using low-side RDS(ON)
sensing or sense resistor
Resistor programmable frequency
Cycle-by-cycle current limit
Digital soft-start
Separate PSAVE option for each switcher
Over-voltage/Under-voltage fault protection
10uA Typical shutdown current
Low quiescent power dissipation
Two PGOOD indicators
1% Reference (2% system DC accuracy)
Efficiency >90%
Integrated gate drivers with soft switching
Separate enables
28 Lead TSSOP
Industrial temperature range
VBAT
SC1485
1
2
4
5
6
9
12
13
15
16
18
19
20
22
23
26
27
8
PGND1
DL1
ILIM1
LX1
DH1
TON2
FBK2
PGOOD2
PGND2
DL2
ILIM2
LX2
DH2
EN/PSV1
TON1
FBK1
PGOOD1
EN/PSV2
VOUT2
PGND1
R3
R7
PGOOD1
EN1
R5
PGOOD2
PGND1
Q2
+ C7
R8
R2
R6
R1
Q1
L2
Q3
VBAT
VOUT1
R4
EN2
L1
+
C8
Q4


Similar Part No. - SC1485

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1485ITSTR SEMTECH-SC1485ITSTR Datasheet
463Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1485ITSTRT SEMTECH-SC1485ITSTRT Datasheet
463Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1485 SEMTECH-SC1485_05 Datasheet
463Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
More results

Similar Description - SC1485

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134 SIPEX-SP6134 Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC1486 SEMTECH-SC1486 Datasheet
330Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
logo
Sipex Corporation
SP6134 SIPEX-SP6134_06 Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC1470 SEMTECH-SC1470 Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC483 SEMTECH-SC483 Datasheet
464Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1485 SEMTECH-SC1485_05 Datasheet
463Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC411 SEMTECH-SC411 Datasheet
476Kb / 27P
Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
SC1486 SEMTECH-SC1486_03 Datasheet
333Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com