Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1485 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1485
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1485 Datasheet HTML 9Page - Semtech Corporation SC1485 Datasheet HTML 10Page - Semtech Corporation SC1485 Datasheet HTML 11Page - Semtech Corporation SC1485 Datasheet HTML 12Page - Semtech Corporation SC1485 Datasheet HTML 13Page - Semtech Corporation SC1485 Datasheet HTML 14Page - Semtech Corporation SC1485 Datasheet HTML 15Page - Semtech Corporation SC1485 Datasheet HTML 16Page - Semtech Corporation SC1485 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
 2004 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
SC1485EVB Efficiency at Vout = 1.8V
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
2
3456
Output Current (Amps)
VIN= 25V
VIN=14V
VIN=4.5V
Typical Characteristics
SC1485 Efficiency at Vout = 3.3V
40
50
60
70
80
90
100
0.001
0.01
0.1
1
2
3
4
5
6
Load Current (Amps)
VIN=25V
VIN=14V
VIN=4.5V
SC1485EVB Load Regulation at Vout = 1.8V
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
1
23
45
6
Load Current (Amps)
Vin= 25V
Vin= 19V
Vin= 14V
Vin= 10V
Vin= 4.5V
SC1485 Load Regulation at Vout = 3.3V
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
01234
56
Load Current (Amps)
VIN=25V
VIN=19V
VIN=14V
VIN=10V
VIN=4.5V
SC1485EVB Line Regulation at Vout = 1.8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
4.5
1014
1925
Line Voltage (Volts)
IL = 0A
IL = 1A
IL = 2A
IL = 3A
IL = 4A
IL = 5A
IL = 6A
SC1485 Line Regulation at Vout = 3.3V
0
0.2
0.4
0.6
0.8
1
1.2
4.5
10141925
Input Voltage (Volts)
IOUT=0A
IOUT=1A
IOUT=3A
IOUT=4A
IOUT=5A
IOUT=6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com