Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LACP7P Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LACP7P
Description  SMD ceramic package with silicon resin with lens
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LACP7P Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LACP7P Datasheet HTML 3Page - OSRAM GmbH LACP7P Datasheet HTML 4Page - OSRAM GmbH LACP7P Datasheet HTML 5Page - OSRAM GmbH LACP7P Datasheet HTML 6Page - OSRAM GmbH LACP7P Datasheet HTML 7Page - OSRAM GmbH LACP7P Datasheet HTML 8Page - OSRAM GmbH LACP7P Datasheet HTML 9Page - OSRAM GmbH LACP7P Datasheet HTML 10Page - OSRAM GmbH LACP7P Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Released
LA CP7P, LR CP7P, LY CP7P
2011-03-21
7
Durchlassstrom
2) Seite 20
Forward Current
2) page 20
I
F = f (VF); TS = 25 °C; red
Durchlassstrom
2) Seite 20
Forward Current
2) page 20
I
F = f (VF); TS = 25 °C; yellow
Durchlassstrom
2) Seite 20
Forward Current
2) page 20
I
F = f (VF); TS = 25 °C; amber
OHL04586
F
I
V
mA
1.6
F
V
1.8
2.0
2.2
2.4
2.6
2.8
200
400
600
800
1000
OHL04587
F
I
V
mA
1.6
F
V
200
400
600
800
1000
1.8 2.0 2.2 2.4 2.6
3.0
OHL04585
F
I
V
mA
1.6
F
V
200
400
600
800
1000
1.8 2.0 2.2 2.4 2.6
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com