Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDCQ7P Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LDCQ7P
Description  SMD ceramic package with silicon resin with lens
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDCQ7P Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LDCQ7P Datasheet HTML 4Page - OSRAM GmbH LDCQ7P Datasheet HTML 5Page - OSRAM GmbH LDCQ7P Datasheet HTML 6Page - OSRAM GmbH LDCQ7P Datasheet HTML 7Page - OSRAM GmbH LDCQ7P Datasheet HTML 8Page - OSRAM GmbH LDCQ7P Datasheet HTML 9Page - OSRAM GmbH LDCQ7P Datasheet HTML 10Page - OSRAM GmbH LDCQ7P Datasheet HTML 11Page - OSRAM GmbH LDCQ7P Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Vorläufige Daten / Preliminary Data
LD CQ7P
2011-09-01
8
Relative Vorwärtsspannung
2) Seite 20
Relative Forward Voltage2) page 20
∆V
F = VF - VF(25 °C) = f (Tj); IF = 350 mA; deep blue
Dominante Wellenlänge
2) Seite 20
Dominant Wavelength
2) page 20
λ
dom = f (Tj); IF = 350 mA, deep blue
Relative Strahlungsleistung
2) Seite 20
Relative Radiant Power2) page 20
Φ
E/ΦE(25 °C) = f (Tj); IF = 350 mA; deep blue
-40
-0.3
˚C
Tj
OHL04428
V
F
V
∆
-20
0
20 40 60 80
120
-0.2
-0.1
0
0.1
0.2
0.3
OHL04441
-6
∆λ
dom
nm
j
T
-40
20
0
-20
80
60
40
˚C 120
-4
-2
0
2
4
6
Tj
OHL03663
deep blue
20
-40 -20
0
120
40 60 80
˚C
0
0.60
0.30
0.20
0.10
0.50
0.40
0.80
0.70
0.90
1.15
Φ (25 ˚C)
Φ
E
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com