Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDG5AP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LDG5AP
Description  white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDG5AP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LDG5AP Datasheet HTML 6Page - OSRAM GmbH LDG5AP Datasheet HTML 7Page - OSRAM GmbH LDG5AP Datasheet HTML 8Page - OSRAM GmbH LDG5AP Datasheet HTML 9Page - OSRAM GmbH LDG5AP Datasheet HTML 10Page - OSRAM GmbH LDG5AP Datasheet HTML 11Page - OSRAM GmbH LDG5AP Datasheet HTML 12Page - OSRAM GmbH LDG5AP Datasheet HTML 13Page - OSRAM GmbH LDG5AP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LD G5AP, LT G5AP
2009-10-13
10
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
LD
,
λ
dom = f (IF); TA = 25 °C
solid line: specified DC-range
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
LD
,
λ
dom = f (Tj); IF = 100 mA
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
LT
,
λ
dom = f (IF); TA = 25 °C
solid line: specified DC-range
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
LT
,
λ
dom = f (Tj); IF = 100 mA
-2.0
dom
Δλ
OHL03807
nm
0
F
I
mA
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
3.0
100
200
300
500
-3
dom
Δλ
OHL03794
nm
-40 -20
0
˚C
j
60
40
20
80
T
120
-2
-1
0
1
2
3
5
-10
dom
Δλ
OHL03806
nm
0
F
I
100
200
300
400
mA 600
-8
-6
-4
-2
0
2
4
6
8
10
-1.0
dom
Δλ
OHL03800
nm
-40 -20
0
˚C
j
60
40
20
80
T
120
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com