Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDG5AP Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LDG5AP
Description  white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDG5AP Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LDG5AP Datasheet HTML 8Page - OSRAM GmbH LDG5AP Datasheet HTML 9Page - OSRAM GmbH LDG5AP Datasheet HTML 10Page - OSRAM GmbH LDG5AP Datasheet HTML 11Page - OSRAM GmbH LDG5AP Datasheet HTML 12Page - OSRAM GmbH LDG5AP Datasheet HTML 13Page - OSRAM GmbH LDG5AP Datasheet HTML 14Page - OSRAM GmbH LDG5AP Datasheet HTML 15Page - OSRAM GmbH LDG5AP Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
2009-10-13
12
LD G5AP, LT G5AP
Maßzeichnung
6) Seite 18
Package Outlines
6) page 18
Gewicht / Approx. weight:
50 mg
Gurtung / Polarität und Lage
6) Seite 18
Verpackungseinheit 700/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
6) page 18
Packing unit 700/reel, ø180 mm
OHTY3600
1.5 (0.059)
+0.1 (0.004)
4 (0.157)
2 (0.079) ±0.05 (0.002)
3.6 (0.142)
0.3 (0.012) ±0.05 (0.002)
2.25 (0.089)
1.4 (0.055)
8 (0.315)
Cathode/
Collector Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com