Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW5AM Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LDW5AM
Description  white SMD package, clear silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5AM Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LDW5AM Datasheet HTML 6Page - OSRAM GmbH LDW5AM Datasheet HTML 7Page - OSRAM GmbH LDW5AM Datasheet HTML 8Page - OSRAM GmbH LDW5AM Datasheet HTML 9Page - OSRAM GmbH LDW5AM Datasheet HTML 10Page - OSRAM GmbH LDW5AM Datasheet HTML 11Page - OSRAM GmbH LDW5AM Datasheet HTML 12Page - OSRAM GmbH LDW5AM Datasheet HTML 13Page - OSRAM GmbH LDW5AM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Released
LD W5AM, LB W5AM, LT W5AM
2010-08-26
10
Dominante Wellenlänge
2) Seite 22
Dominant Wavelength
2) page 22
Δλ
dom = f (IF); TS = 25 °C, blue
Dominante Wellenlänge
2) Seite 22
Dominant Wavelength
2) page 22
Δλ
dom = f (IF); TS = 25 °C, true green
Dominante Wellenlänge
2) Seite 22
Dominant Wavelength
2) page 22
Δλ
dom = f (IF); TS = 25 °C, deep blue
OHL04435
I
F
0
-6
mA
Δλ
dom
nm
200
400
600
1000
-4
-2
0
2
4
6
OHL04437
I
F
0
-6
mA
Δλ
dom
nm
200
400
600
1000
-4
-2
0
2
4
6
OHL04436
I
F
0
-6
mA
Δλ
dom
nm
200
400
600
1000
-4
-2
0
2
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com