Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW5AM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LDW5AM
Description  white SMD package, clear silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5AM Datasheet(HTML) 5 Page - OSRAM GmbH

  LDW5AM Datasheet HTML 1Page - OSRAM GmbH LDW5AM Datasheet HTML 2Page - OSRAM GmbH LDW5AM Datasheet HTML 3Page - OSRAM GmbH LDW5AM Datasheet HTML 4Page - OSRAM GmbH LDW5AM Datasheet HTML 5Page - OSRAM GmbH LDW5AM Datasheet HTML 6Page - OSRAM GmbH LDW5AM Datasheet HTML 7Page - OSRAM GmbH LDW5AM Datasheet HTML 8Page - OSRAM GmbH LDW5AM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Released
LD W5AM, LB W5AM, LT W5AM
2010-08-26
5
Wellenlängengruppen (Dominantwellenlänge)
3) Seite 22
Wavelength Groups (Dominant Wavelength)
3) page 22
Gruppe
Group
deep blue
blue
true green
Einheit
Unit
min.
max.
min.
max.
min.
max.
2
459
464
nm
3
449
453
464
468
519
525
nm
4
453
457
468
472
525
531
nm
5
457
461
472
476
531
537
nm
6
537
543
nm
Helligkeits-Gruppierungsschema (tief blau)
Brightness Groups (deep blue)
Helligkeitsgruppe
Brightness Group
Strahlungsleistung
1) Seite 22
Radiant Power
1) page 22
Φ
E (mW)
3T
4T
1U
2U
3U
4U
355 …
400
400 …
450
450 …
500
500 …
560
560 …
630
630 …
710
Anm.:
Die
Standardlieferform
von
Serientypen
beinhaltet
eine
Familiengruppe.
Diese
besteht
aus
6 Helligkeitsgruppen.
Einzelne Helligkeitsgruppen sind nicht bestellbar.
Note:
The standard shipping format for serial types includes a family group of 6 individual brightness groups.
Individual brightness groups cannot be ordered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com