Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW5AM Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LDW5AM
Description  white SMD package, clear silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5AM Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LDW5AM Datasheet HTML 10Page - OSRAM GmbH LDW5AM Datasheet HTML 11Page - OSRAM GmbH LDW5AM Datasheet HTML 12Page - OSRAM GmbH LDW5AM Datasheet HTML 13Page - OSRAM GmbH LDW5AM Datasheet HTML 14Page - OSRAM GmbH LDW5AM Datasheet HTML 15Page - OSRAM GmbH LDW5AM Datasheet HTML 16Page - OSRAM GmbH LDW5AM Datasheet HTML 17Page - OSRAM GmbH LDW5AM Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Released
LD W5AM, LB W5AM, LT W5AM
2010-08-26
14
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T
S)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
Zu Lebensdauerangaben siehe
Applikationsschrift:“Reliability of the DRAGON
Product Family“
For life time information please refer to application
note“Reliability of the DRAGON Product
Family“
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
80
Do not use current below 100 mA
0
200
100
0
500
300
400
60
40
20
800
600
700
1100
900
F
I
mA
130
100 ˚C
T
S
OHL04372
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
I
F
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
I
F
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com