Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECGP2W01 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LECGP2W01
Description  OSTAR High Power Projection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGP2W01 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LECGP2W01 Datasheet HTML 6Page - OSRAM GmbH LECGP2W01 Datasheet HTML 7Page - OSRAM GmbH LECGP2W01 Datasheet HTML 8Page - OSRAM GmbH LECGP2W01 Datasheet HTML 9Page - OSRAM GmbH LECGP2W01 Datasheet HTML 10Page - OSRAM GmbH LECGP2W01 Datasheet HTML 11Page - OSRAM GmbH LECGP2W01 Datasheet HTML 12Page - OSRAM GmbH LECGP2W01 Datasheet HTML 13Page - OSRAM GmbH LECGP2W01 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2016-05-31
10
Version 1.2 (not for new design)
LE CG P2W 01
Forward Current 6) page 20 , 4) page 20
Durchlassstrom 6) Seite 20 , 4) Seite 20
IF = f (VF); TJ = 25 °C; per string
Relative Luminous Flux 6) page 20 , 4) page 20
Relativer Lichtstrom 6) Seite 20 , 4) Seite 20
ΦV/ΦV(12000 mA) = f(IF); TJ = 25 °C; per string
Chromaticity Coordinate Shift 6) page 20
Farbortverschiebung 6) Seite 20
ΔCx, ΔCy = f(IF); TJ = 25 °C; per string
full spectral range
Chromaticity Coordinate Shift 6) page 20
Farbortverschiebung 6) Seite 20
ΔCx, ΔCy = f(IF); TJ = 25 °C; per string
within λ = 500 ... 600 nm
LE CG P2W 01
2,2
4,1
2,4 2,6 2,8 3,0 3,2 3,4 3,6 3,8
VF [V]
200
2000
4000
6000
8000
10000
12000
14000
16000
IF [mA]
: CoD green
LE CG P2W 01
20
0
40
00
80
00
12
00
0
16
00
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
ΦV
Φ
V(12000mA)
: CoD green
LE CG P2W 01
20
0
40
00
80
00
12
00
0
16
00
0
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
∆ Cx
:
∆ Cy
LE CG P2W 01 (F)
20
0
40
00
80
00
12
00
0
16
00
0
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
∆ Cx
:
∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com