Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECGP2W01 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LECGP2W01
Description  OSTAR High Power Projection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGP2W01 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LECGP2W01 Datasheet HTML 9Page - OSRAM GmbH LECGP2W01 Datasheet HTML 10Page - OSRAM GmbH LECGP2W01 Datasheet HTML 11Page - OSRAM GmbH LECGP2W01 Datasheet HTML 12Page - OSRAM GmbH LECGP2W01 Datasheet HTML 13Page - OSRAM GmbH LECGP2W01 Datasheet HTML 14Page - OSRAM GmbH LECGP2W01 Datasheet HTML 15Page - OSRAM GmbH LECGP2W01 Datasheet HTML 16Page - OSRAM GmbH LECGP2W01 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Version 1.2 (not for new design)
LE CG P2W 01
2016-05-31
13
Package Outline 7) page 20
Maßzeichnung 7) Seite 20
Approximate Weight:
5.0 g
Gewicht:
5.0 g
Connector
Recommended connector: TARNG YU
ENTERPRISE CO.,LTD / TA8052WNR-03S-A /
PO: 4510446021
Stecker
Empfohlener Stecker: TARNG YU ENTERPRISE
CO.,LTD / TA8052WNR-03S-A / PO: 4510446021
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S /
336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200 ppb
SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S / 336
h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]
Note:
Package not suitable for any kind of wet cleaning
or ultrasonic cleaning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com