Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRW5AM Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LRW5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRW5AM Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LRW5AM Datasheet HTML 3Page - OSRAM GmbH LRW5AM Datasheet HTML 4Page - OSRAM GmbH LRW5AM Datasheet HTML 5Page - OSRAM GmbH LRW5AM Datasheet HTML 6Page - OSRAM GmbH LRW5AM Datasheet HTML 7Page - OSRAM GmbH LRW5AM Datasheet HTML 8Page - OSRAM GmbH LRW5AM Datasheet HTML 9Page - OSRAM GmbH LRW5AM Datasheet HTML 10Page - OSRAM GmbH LRW5AM Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Vorläufige Daten / Preliminary Data
LR W5AM, LA W5AM, LY W5AM
2009-06-19
7
Durchlassstrom
2) Seite 16
Forward Current
2) page 16
I
F = f (VF); TA = 25 °C
Relativer Lichtstrom
2)5) Seite 16
Relative Luminous Flux
2) 5) page 16
Φ
V/ΦV(400 mA) = f (IF); TA = 25 °C; amber, red
Relativer Lichtstrom
2)5) Seite 16
Relative Luminous Flux
2) 5) page 16
Φ
V/ΦV(400 mA) = f (IF); TA = 25 °C; yellow
OHL04105
1.7
F
I
F
V
V
10
mA
1.9
2.1
2.3
2.5
2.7
2.9
210
410
610
810
1210
OHL14104
I
F
10
1
510
2
10
mA
3
0
10
5
5
10-2
1
10
-1
10
Φ
V
Φ
V (400 mA)
OHL04113
I
F
10
1
510
2
10
mA
3
0
10
5
5
10-2
1
10
-1
10
V
Φ (400 mA)
V
Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com